Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32GP302TE/MM Datasheet(PDF) 4 Page - Microchip Technology

Part # DSPIC33FJ32GP302TE/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP302TE/MM Datasheet(HTML) 4 Page - Microchip Technology

  DSPIC33FJ32GP302TE/MM Datasheet HTML 1Page - Microchip Technology DSPIC33FJ32GP302TE/MM Datasheet HTML 2Page - Microchip Technology DSPIC33FJ32GP302TE/MM Datasheet HTML 3Page - Microchip Technology DSPIC33FJ32GP302TE/MM Datasheet HTML 4Page - Microchip Technology DSPIC33FJ32GP302TE/MM Datasheet HTML 5Page - Microchip Technology DSPIC33FJ32GP302TE/MM Datasheet HTML 6Page - Microchip Technology DSPIC33FJ32GP302TE/MM Datasheet HTML 7Page - Microchip Technology DSPIC33FJ32GP302TE/MM Datasheet HTML 8Page - Microchip Technology DSPIC33FJ32GP302TE/MM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 4
Preliminary
 2009 Microchip Technology Inc.
System Management:
• Flexible clock options:
- External, crystal, resonator, internal RC
- Fully integrated Phase-Locked Loop (PLL)
- Extremely low jitter PLL
• Power-up Timer
• Oscillator Start-up Timer/Stabilizer
• Watchdog Timer with its own RC oscillator
• Fail-Safe Clock Monitor
• Reset by multiple sources
Power Management:
• On-chip 2.5V voltage regulator
• Switch between clock sources in real time
• Idle, Sleep, and Doze modes with fast wake-up
Analog-to-Digital Converters (ADCs):
• 10-bit, 1.1 Msps or 12-bit, 500 ksps conversion:
- Two and four simultaneous samples (10-bit ADC)
- Up to 13 input channels with auto-scanning
- Conversion start can be manual or
synchronized with one of four trigger sources
- Conversion possible in Sleep mode
- ±2 LSb max integral nonlinearity
- ±1 LSb max differential nonlinearity
Audio Digital-to-Analog Converter (DAC):
• 16-bit Dual Channel DAC module
• 100 ksps maximum sampling rate
• Second-Order Digital Delta-Sigma Modulator
Data Converter Interface (DCI) module:
• Codec interface
• Supports I2S and AC’97 protocols
• Up to 16-bit data words, up to 16 words per frame
• 4-word deep TX and RX buffers
Comparator Module:
• Two analog comparators with programmable
input/output configuration
CMOS Flash Technology:
• Low-power, high-speed Flash technology
• Fully static design
• 3.3V (±10%) operating voltage
• Industrial and Extended temperature
• Low power consumption
Communication Modules:
• 4-wire SPI (up to two modules):
- Framing supports I/O interface to simple
codecs
- Supports 8-bit and 16-bit data
- Supports all serial clock formats and
sampling modes
•I2C™:
- Full Multi-Master Slave mode support
- 7-bit and 10-bit addressing
- Bus collision detection and arbitration
- Integrated signal conditioning
- Slave address masking
• UART (up to two modules):
- Interrupt on address bit detect
- Interrupt on UART error
- Wake-up on Start bit from Sleep mode
- 4-character TX and RX FIFO buffers
- LIN bus support
-IrDA® encoding and decoding in hardware
- High-Speed Baud mode
- Hardware Flow Control with CTS and RTS
• Enhanced CAN (ECAN™ module) 2.0B active:
- Up to eight transmit and up to 32 receive buffers
- 16 receive filters and three masks
- Loopback, Listen Only and Listen All
- Messages modes for diagnostics and bus
monitoring
- Wake-up on CAN message
- Automatic processing of Remote
Transmission Requests
- FIFO mode using DMA
- DeviceNet™ addressing support
• Parallel Master Slave Port (PMP/EPSP):
- Supports 8-bit or 16-bit data
- Supports 16 address lines
• Programmable Cyclic Redundancy Check (CRC):
- Programmable bit length for the CRC
generator polynomial (up to 16-bit length)
- 8-deep, 16-bit or 16-deep, 8-bit FIFO for data
input
Packaging:
• 28-pin SDIP/SOIC/QFN-S
• 44-pin TQFP/QFN
Note:
See the device variant tables for exact
peripheral features per device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com