Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPDP4247 Datasheet(PDF) 2 Page - Green Power Solutions srl

Part # GPDP4247
Description  AVALANCHE RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPDP4247 Datasheet(HTML) 2 Page - Green Power Solutions srl

  GPDP4247 Datasheet HTML 1Page - Green Power Solutions srl GPDP4247 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AVALANCHE RECTIFIER DIODE
GPDP4247
Document GPDP4247T002
Ø 3.5±0.2 x 4±0.2
(Both sides)
Ø 47
26±0.5
Ø 74.5
Ø 67
Maximum surge current
d.s. cooled
0
5
10
15
20
25
30
1
10
100
Number of cycle current pulses [n]
Thermal Impedance (j-c)
0,000
0,005
0,010
0,015
0,020
0,025
0,001
0,01
0,1
1
10
100
Time [s]
Forward voltage drop
0
1000
2000
3000
4000
5000
6000
0,5
1
1,5
2
VF [V]
Tj=Tjmax
Current rating - sine wave
50
70
90
110
130
150
170
0
1000
2000
3000
IF [A]
180°
120°
60°
30°
90°
Power loss - sine wave
0
1000
2000
3000
4000
5000
0
500
1000
1500
2000
2500
3000
IF [A]
180°
120
90
60°
30
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com