Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC489 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BC489
Description  High Current Transistors NPN Silicon These are Pb?묯ree Devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC489 Datasheet(HTML) 4 Page - ON Semiconductor

  BC489 Datasheet HTML 1Page - ON Semiconductor BC489 Datasheet HTML 2Page - ON Semiconductor BC489 Datasheet HTML 3Page - ON Semiconductor BC489 Datasheet HTML 4Page - ON Semiconductor BC489 Datasheet HTML 5Page - ON Semiconductor BC489 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC489, BC489A
http://onsemi.com
4
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
1.0 k
1.0
2.0
5.0
Figure 6. Active Region — Safe Operating Area
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
700
500
300
200
100
70
50
30
20
10
3.0
10
20
50
30
7.0
70 100
BC489
100 ms
1.0 ms
1.0 s
TC = 25°C
TA = 25°C
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (mA)
400
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
200
100
80
60
40
TJ =125°C
25°C
−55°C
VCE = 1.0 V
300
500
IC, COLLECTOR CURRENT (mA)
Figure 8. “On” Voltages
1.0
0.8
0.6
0.4
0.2
0
0.5
1.0
200
20
TJ = 25°C
VBE(on) @ VCE = 1.0 V
VCE(sat) @ IC/IB = 10
5.0
10
50
100
VBE(sat) @ IC/IB = 10
IC, COLLECTOR CURRENT (mA)
Figure 9. Collector Saturation Region
1.0
0.8
0.6
0.4
0.2
0
0.1
10
1.0
TJ = 25°C
IC = 10 mA
0.05
0.2
0.5
2.0
5.0
20
100 mA
250 mA
50
mA
2.0
500
50
500 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com