Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

702 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 702
Description  PHENOLIC INSTRUMENT CASES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

702 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  702 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHENOLIC INSTRUMENT CASES
• Aluminum or Phenolic
Panels Available
• Choice of Sizes • Sturdy construction • Flush mounting panels
MATERIALS:
Phenolic Cases: .125 (3.2) Wall thickness,
Molded Glossy Black Phenolic, MIL-M-14, CFG
PHENOLIC CASE
THREAD
CAT. NO.
A
B
C
SIZE AND TYPE
715
2.500 (63.5)
3.500 (88.9)
1.250 (31.8)
4-40 TAPPED
703
2.875 (73.0)
4.000 (101.6)
1.562 (39.7)
4-40 TAPPED
705
2.875 (73.0)
4.000 (101.6)
1.562 (39.7)
USE #4 SELF TAPPING SCREW
704
3.125 (79.4)
5.875 (149.2)
2.250 (57.2)
4-40 TAPPED
700
3.750 (95.3)
6.250 (158.8)
2.000 (50.8)
6-32 BRASS INSERT
716
4.250 (108.0)
5.000 (127.0)
1.750 (44.5)
6-32 BRASS INSERT
701
5.250 (133.4)
6.812 (173.0)
2.312 (58.7)
6-32 BRASS INSERT
702
7.375 (187.3)
8.375 (212.7)
3.000 (76.2)
6-32 BRASS INSERT
*.093 (2.36)
COVER PANEL
PHENOLIC ALUMINUM
PANEL
PANEL
CAT. NO.
CAT. NO.
2050
2051
2042
2044
2042
2044
2043
2045
2037*
2046
2052*
2053
2038*
2047
2039*
2048
A
B
C
MATERIALS:
Phenolic Panels: .062 (1.57) Glossy Black
Phenolic, MIL-P3115C
Aluminum Panels: .062 (1.57), 5052-H34
per QQ 318 C; Bright finished surface with
pressure sensitive protective covering tape
• Cases and panels are sold separately
• Covers available in Phenolic or Aluminum
• Covers can be machined to accept dials,
switches, displays
• Panel mounting screws available -
Refer to page 133
• Sturdy case can be machined for wiring access
• Ideal for prototype or lab use
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
85
INSTRUMENTATION KNOBS
SHAFT
ATTACHMENT DETAILS
NUT CLEARANCE
CAT.
SHAFT
D
H
M
L
B
I.D.
C (C’BORE
NO.
(DIA.)
(DIA.)
(HEIGHT)
(MAX.)
(LOCATION)
(DEPTH)
(DIA.)
DEPTH)
8554
.125 (3.2)
.500 (12.7)
.660 (16.8)
—
.320 (8.1)
.570 (14.5)
.360 (9.1)
.170 (4.3)
8555
.250 (6.4)
.700 (17.8)
.780 (19.8)
—
.360 (9.1)
.680 (17.3)
.500 (12.7)
.180 (4.6)
8556
.250 (6.4)
.920 (23.4) 1.010 (25.7)
—
.460 (11.7)
.910 (23.1)
.640 (16.3)
.330 (8.4)
8557
.250 (6.4)
1.250 (31.8)
.828 (21.0)
—
.400 (10.2)
.700 (17.8)
1.010 (25.7)
.250 (6.4)
8558
.125 (3.2)
.500 (12.7)
.660 (16.8)
.915 (23.4)
.320 (8.1)
.570 (14.5)
.360 (9.1)
.170 (4.3)
8559
.250 (6.4)
.700 (17.8)
.780 (19.8)
1.150 (29.2)
.357 (9.1)
.660 (16.7)
.480 (12.2)
.180 (4.6)
8560
.250 (6.4)
.920 (23.4) 1.010 (25.7)
1.520 (38.6)
.500 (12.7)
.910 (23.1)
.640 (16.3)
.240 (6.1)
8561
.250 (6.4)
1.250 (31.8)
.920 (23.4)
1.860 (47.2)
.470 (11.9)
.800 (20.3)
.780 (19.8)
.350 (8.9)
8567
.125 (3.2)
.500 (12.7)
.500 (12.7)
.610 (15.5)
.160 (4.0)
.405 (10.3)
.410 (10.4)
.030 (0.8)
8568
.250 (6.4)
.700 (17.8)
.625 (15.9)
.820 (20.8)
.210 (5.3)
.480 (12.2)
.468 (11.9)
.030 (0.8)
8569
.250 (6.4)
.920 (23.4)
.780 (19.8)
1.090 (27.7)
.240 (6.1)
.660 (16.8)
.640 (16.3)
.100 (2.5)
8565
.250 (6.4)
700 (17.8)
.630 (16.0)
1.187 (30.2)
.210 (5.3)
.510 (13.0)
.570 (14.5)
.030 (0.8)
8566
.250 (6.4)
.920 (23.4)
.640 (16.3)
1.510 (38.6)
.260 (6.6)
.540 (13.7)
.730 (18.5)
.120 (3.1)
L
B
I.D.
D
C
H
SPECIFICATIONS
Knob: ABS
Inlay: Spun Aluminum
Insert: Brass, Nickel Plate
• All knobs supplied with two set screws installed
L
B
I.D.
D
M
C
H
L
B
I.D.
D
M
C
H
L
B
I.D.
D
M
C
H
M60Section5FREV2-color 4/4/13 5:14PM Page85


Similar Part No. - 702

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
702 VISHAY-702 Datasheet
103Kb / 4P
(22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
29-Nov-17
logo
Ashcroft, Inc.
702 ASHCROFT-702 Datasheet
1Mb / 4P
702/703 Flanged Diaphragm Seal
RevC_01-19-22
logo
Adafruit Industries
702 ADAFRUIT-702 Datasheet
193Kb / 2P
Adafruit Proto Plate for Beagle Bone & Beagle Bone Black
9/26/2014
logo
Keystone Electronics Co...
702 KEYSTONE-702 Datasheet
316Kb / 1P
INSTRUMENTATION CASES & KNOBS
31-07 20th
logo
List of Unclassifed Man...
702-00001-10 ETC2-702-00001-10 Datasheet
224Kb / 2P
TEST BOARD ACCELEROMETERS
More results

Similar Description - 702

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E989 HAMAMATSU-E989 Datasheet
88Kb / 1P
Magnetic Shield Cases
logo
List of Unclassifed Man...
G738 ETC1-G738 Datasheet
344Kb / 2P
Desktop Cases
G749A ETC2-G749A Datasheet
130Kb / 1P
Desktop Cases
G753 ETC2-G753 Datasheet
132Kb / 1P
Desktop Cases
400-1541-GR ETC2-400-1541-GR Datasheet
206Kb / 2P
Molded ABS Plastic Cases
A9406344-AL ETC2-A9406344-AL Datasheet
326Kb / 5P
SH ELL-TYPE CASES
logo
FERYSTER Inductive Comp...
EFD20-K-8P FERYSTER-EFD20-K-8P Datasheet
55Kb / 1P
PHENOLIC PM9630
EFD25-K-10P FERYSTER-EFD25-K-10P Datasheet
49Kb / 1P
PHENOLIC T375J
ER28-K-H-12P FERYSTER-ER28-K-H-12P Datasheet
301Kb / 1P
PHENOLIC
ERL28-K-H-12P FERYSTER-ERL28-K-H-12P Datasheet
212Kb / 1P
PHENOLIC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com