Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP412 Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # TOP412
Description  Three-terminal DC to DC PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP412 Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button TOP412_04 Datasheet HTML 8Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 9Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 10Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 11Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 12Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 13Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 14Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 15Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 16Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
TOP412/414
A
4/99
12
Figure 9. TOPSwitch Duty Cycle Measurement.
Figure 11. TOPSwitch General Test Circuit.
120
100
80
40
20
60
0
02
4
6
8
10
CONTROL Pin Voltage (V)
TYPICAL CONTROL PIN I-V CHARACTERISTIC
Latched Shutdown
Trigger Current (45 mA)
1
Slope
Dynamic
Impedance
=
Figure 10. TOPSwitch CONTROL Pin I-V Characteristic.
PI-2212-073098
C1
0.1 µF
C2
47 µF
VS1
0-50 V
VS2
40 V
R1
470 Ω
5 W
S2
S1
R2
470 Ω
NOTES: 1. This test circuit is not applicable for current limit or output characteristic measurements.
2. For P package, short all SOURCE and SOURCE (HV RTN) pins together.
D
S
C
CONTROL
TOPSwitch
PI-1215-091794
DRAIN
VOLTAGE
HV
0 V
90%
10%
90%
t2
t1
DC =
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com