Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP412 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # TOP412
Description  Three-terminal DC to DC PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP412 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  TOP412 Datasheet HTML 1Page - Power Integrations, Inc. TOP412 Datasheet HTML 2Page - Power Integrations, Inc. TOP412 Datasheet HTML 3Page - Power Integrations, Inc. TOP412 Datasheet HTML 4Page - Power Integrations, Inc. TOP412 Datasheet HTML 5Page - Power Integrations, Inc. TOP412 Datasheet HTML 6Page - Power Integrations, Inc. TOP412 Datasheet HTML 7Page - Power Integrations, Inc. TOP412 Datasheet HTML 8Page - Power Integrations, Inc. TOP412 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TOP412/414
A
4/99
2
PI-1746-011796
SHUTDOWN/
AUTO-RESTART
PWM
COMPARATOR
CLOCK
SAW
OSCILLATOR
CONTROLLED
TURN-ON
GATE
DRIVER
INTERNAL
SUPPLY
5.7 V
4.7 V
SOURCE
S
R
Q
Q
DMAX
-
+
CONTROL
-
+
5.7 V
IFB
RE
ZC
VC
MINIMUM
ON-TIME
DELAY
+
-
VI
LIMIT
LEADING
EDGE
BLANKING
POWER-UP
RESET
R
S
Q
Q
÷ 8
0
1
THERMAL
SHUTDOWN
EXTERNALLY
TRIGGERED
SHUTDOWN
SHUNT REGULATOR/
ERROR AMPLIFIER
+
-
DRAIN
Figure 2. Functional Block Diagram.
Pin Functional Description
DRAIN Pin:
Output MOSFET drain connection. Provides internal bias
current during start-up operation via an internal switched high-
voltage current source. Internal current sense point.
CONTROL Pin:
Error amplifier and feedback current input pin for duty cycle
control. Internal shunt regulator connection to provide internal
bias current during normal operation. Trigger input for latching
shutdown. It is also used as the supply bypass and auto-restart/
compensation capacitor connection point.
SOURCE Pin:
Output MOSFET source connection.
Primary-side circuit
common, power return, and reference point.
Figure 3. Pin Configuration.
PI-2208-120798
CONTROL
8
5
7
6
DRAIN
SOURCE (HV RTN)
SOURCE
SOURCE
1
4
2
3
SOURCE (HV RTN)
SOURCE (HV RTN)
SOURCE
G Package (SMD-8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com