Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-701ASDZ Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-701ASDZ
Description  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-701ASDZ Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-701ASDZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
Table 8. Optical Specifications
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted.
Parameter
Minimum
Typical
Maximum
Units
Notes
Transmitter
Laser OMA output power
-5.2
dBm
1
Laser mean output power
-8.2
0.5
dBm
1
Laser off power
-30
dBm
1
Extinction ratio
3.5
dB
1
Transmitter and dispersion penalty (TDP)
3.2
dB
1
Center Wavelength
1260
1355
nm
Side Mode Suppression Ratio - SMSR
30
dB
RIN12OMA
-128
dB/Hz
1
Optical Return Loss Tolerance
12
dB
1
Transmitter Output Eye Mask
1, See Figure 4b
Receiver
Stressed sensitivity (OMA)
-10.3
dBm
1
Receive sensitivity (OMA)
-12.6
dBm
Receive Power (Pave) Overload
0.5
dBm
1
Reflectance
-12
dB
1
Center Wavelength
1260
1355
nm
1
RX_LOS (OMA) De-Assert
-17
dBm
3
RX_LOS (OMA) Assert
-30
dBm
3
RX_LOS (OMA) Hysteresis
0.5
dB
Vertical eye closure penalty
2.2
dB
2
Stressed eye jitter
0.3
UI p-p
2
General Specification Considerations (Notes):
1. IEEE 802.3ae Clause 52 compliant.
2. Vertical eye closure and stressed eye jitter are test conditions for stressed sensitivity (OMA) measurements.
3. Loss of Signal (LOS) detection responds only to OMA and the indicator will respond unpredictably with the application of unmodulated optical
power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com