Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68040 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # M68040
Description  Freescale Semiconductor, Inc.
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68040 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button M68040 Datasheet HTML 47Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 48Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 49Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 50Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 51Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 52Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 53Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 54Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 442 page
background image
3- 2
M68040 USER'S MANUAL
MOTOROLA
indexing into the on-chip instruction and data caches. The MMU MDIS signal dynamically
disables address translation for emulation and diagnostic support.
Figure 3-1 illustrates the MMUs contained in the two memory units, one for instructions
(supporting instruction prefetches) and one for data (supporting all other accesses). Each
unit contains an MMU, main cache, and snoop controller. The corresponding MMUs
contain two transparent translation registers, which identify blocks of memory that can be
accessed without translation. The MMUs also contain control logic and corresponding
address translation caches (ATCs) in which recently used logical-to-physical address
translations are stored. The data memory unit contains a data write and data read buffer,
and the instruction memory unit contains an instruction line read buffer. These buffers
temporarily hold data until an opportune moment arises to write the data to external
memory or read the operand/instruction into the integer unit.
INSTRUCTION
FETCH
DECODE
EA
CALCULATE
EXECUTE
WRITE-
BACK
EA
FETCH
INTEGER
UNIT
CONVERT
EXECUTE
WRITE-
BACK
INSTRUCTION
ATC
INSTRUCTION
MMU/CACHE/SNOOP
CONTROLLER
BUS
CONTROL
SIGNALS
DATA
BUS
ADDRESS
BUS
DATA
ATC
DATA
MMU/CACHE/SNOOP
CONTROLLER
OPERAND DATA BUS
INSTRUCTION DATA BUS
INSTRUCTION
CACHE
DATA
CACHE
FLOATING-
POINT
UNIT
DATA MEMORY UNIT
INSTRUCTION MEMORY UNIT
B
U
S
C
O
N
T
R
O
L
L
E
R
INSTRUCTION
ADDRESS
DATA
ADDRESS
Figure 3-1. Memory Management Unit
The principal MMU function is to translate logical addresses to physical addresses using
translation tables stored in memory. As the MMU receives a logical address from the
integer unit, it searches its ATC for the corresponding physical address using the upper
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com