Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8767902PC Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # 8767902PC
Description  Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

8767902PC Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 8767902PC Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MIL-PRF-38534 Class H, Class K, and DLA SMD Test Program
Avago Technologies’s Hi-Rel Optocouplers are in compli-
ance with MIL-PRF-38534 Classes H and K. Class H and Class
K devices are also in compliance with DLA drawings 5962-
87679,and5962-90854.Testingconsistsof100%screening
and quality conformance inspection to MIL-PRF-38534.
Description
The schematic uses a dualchannel, high-speed optocou-
pler (HCPL-5530) to function as a servo type dc isolation
amplifier. This circuit operates on the principle that two
optocouplers will track each other if their gain changes
by the same amount over a specific operating region.
Performance of Circuit
 1% linearity for 10 V peak-to-peak dynamic range
 Gain drift: -0.03%/°C
 Offset Drift: ± 1 mV/°C
 25 kHz bandwidth (limited by Op-Amps U1, U2)
Figure 13. Isolation Amplifier Application Circuit.
VOUT
IF
3
R
1
2
3
4
8
7
6
5
1
IF 2
V IN
U1
2
U 3
-15 V
-
+
-
+
I C
2
-15 V
I CC
6 mA
I C
1
= K 1
I F
1
I
n 1
I C
2
= K 2
I F
2
I
n 2
HCPL-5530
2
U 4
-
+
2
5 k
Ω GAIN ADJUST
R 4 1 kΩ
5
R
5 k
Ω
OFFSET ADJUST
I C
1
220
Ω
R 2
2.7 k
Ω
R 1
2.7 k
Ω
+
U2
-
+
-
U 1 , U 2 , U 3 , U 4 , LM307
50 k
Ω
F
´1
F 2
´
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies Limited. All rights reserved. Obsoletes 5989-1659EN
AV02-3846EN - October 2, 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com