Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40FE Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 40FE
Description  British Style BS 88
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

40FE Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  40FE Datasheet HTML 1Page - Cooper Bussmann, Inc. 40FE Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Form No.
Page 2 of 2
BIF Doc #720024
Bussmann®
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled.
This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right,
without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without
notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
British Style BS 88
690V
6-700A
®
Total Clearing I2t
The total clearing I
2t at rated voltage and
at power factor of 15% are given in the
electrical characteristics. For other volt-
ages, the clearing I
2t is found by multi-
plying by correction factor, K , given as
a function of applied working voltage,
Eg, (RMS).
Arc Voltage
This curve gives the peak arc voltage,
UL, which may appear across the fuse
during its operation as a function of the
applied working voltage, Eg, (RMS) at a
power factor of 15%.
Power Losses
Watts loss at rated current is given in
the electrical characteristics. The curve
allows the calculation of the power
losses at load currents lower than the
rated current . The correction factor, Kp ,
is given as a function of the RMS load
current, Ib , in % of the rated current .
Electrical Characteristics
Dimensions
200
300
400
500
600 660
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1)
2)
E
g
K
1500
1000
500
200
400
600 660
E
g
U
L
1)
2)
Kp
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
30 40 50
60
70
80 90 100%
I
b
77
63.5
48
17.1
19.1
12.7
7.1
9.7
94
70
46
37
19
31.8
8.7
11.9
113
A
50
41
38.1
25.4
10.3
13.5
113
A
50
83
38
25.4
10.3
14
Fig. 2: ET, FE
74.6
64.3
54.8
6.4
8.7
8.7
4
5.5
Fig. 1: CT
Fig. 3: EET, FEE
Fig. 4: FM, MT
Fig. 5: FMM, MMT
Dimensions in mm.
1mm = 0.0394∑
1∑ = 25.4mm
1) CT, ET, EET, FE, FEE, MT, MMT
2) FM, FMM
1) CT
2) ET, FE, EET, FEE, FM, FMM
“A”
Type
Dimension
FM
80-85
FMM
80-85
MT
85
MMT
85
7-18-01
SB01191



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com