Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC-3 Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # ABC-3
Description  Consumer Aftermarket Product Catalog
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

ABC-3 Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  ABC-3 Datasheet HTML 1Page - Cooper Bussmann, Inc. ABC-3 Datasheet HTML 2Page - Cooper Bussmann, Inc. ABC-3 Datasheet HTML 3Page - Cooper Bussmann, Inc. ABC-3 Datasheet HTML 4Page - Cooper Bussmann, Inc. ABC-3 Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Glass & Ceramic Tube Fuses
*See Price Sheet for all available ratings.
For product information and Data Sheets, visit www.cooperbussmann.com
37
Consumer Aftermarket Catalog
Part No.
Poly
Tri-lingual
(Amps)*
Bag
Blister
GMA-63mA
GMA-100mA
GMA-125mA
GMA-200mA
GMA-250mA
X
GMA-300mA
GMA-315mA
GMA-500mA
X
X
GMA-600mA
GMA-750mA
X
GMA-800mA
GMA-1A
X
X
GMA-1.25A
GMA-1.5A
GMA-1.6A
GMA-2A
X
X
GMA-2.5A
GMA-3A
X
X
GMA-3.15A
X
GMA-3.5A
GMA-4A
GMA-5A
X
X
GMA-6A
X
X
GMA-7A
X
GMA-8A
GMA - UL 5 X 20mm Fast-Acting Glass Tube Fuses
Part No. (Amps)*
GDA-500mA
GDA-630mA
GDA-1A
GDA-1.25A
GDA-1.6A
GDA-2A
GDA-2.5A
GDA-3.15A
GDA-4A
GDA-5A
GDA-6.3A
Fast-Acting 5 x 20mm Fuses
GDA - IEC 5 X 20mm High-Break Fast-Acting Ceramic Tube Fuses
Part No. (Amps)*
GDB-160mA
GDB-2A
GDB-4A
GDB-6.3A
GDB-8A
GDB-10A
GDB - IEC 5 X 20mm Fast-Acting Glass Tube Fuses
Part No.
Poly
Blister
(Amps)*
Bag
Pack
GDC-500mA
GDC-1A
GDC-1.6A
GDC-2A
GDC-2.5A
GDC-3.15A
GDC-4A
GDC-5A
X
X
GDC-6.3A
Time-Delay 5 x 20mm Fuses
GDC - IEC 5 X 20mm Time-Delay Glass Tube Fuses
GMC - UL 5 x 20mm Medium Time-Delay Glass Tube Fuses
Part No.
Poly
(Amps)*
Bag
GMC-500mA
GMC-630mA
GMC-1A
GMC-1.5A
GMC-1.6A
GMC-2A
GMC-3A
GMC-3.5A
GMC-4A
GMC-5A
GMC-6A
GMC-7A
X
GMD - UL 5 x 20mm Medium Time-Delay Glass Tube Fuses
Part No.(Amps)*
GMD-1A
*See Price Sheet for all
available ratings.
*See Price Sheet for all available ratings.
*See Price Sheet for all available ratings.
*See Price Sheet for all
available ratings.
*See Price Sheet for all
available ratings.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com