Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57620C0331M062 Datasheet(PDF) 2 Page - EPCOS

Part # B57620C0331M062
Description  SMD NTC Thermistors with Silver Palladium Termination, Size 0805
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57620C0331M062 Datasheet(HTML) 2 Page - EPCOS

  B57620C0331M062 Datasheet HTML 1Page - EPCOS B57620C0331M062 Datasheet HTML 2Page - EPCOS B57620C0331M062 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
59
05/02
+: J for
∆R
N/RN = ±
5 %
Kfor
∆RN/RN = ± 10 %
Mfor
∆R
N/RN = ± 20 %
R25
Ω
No. of R/T
characteristic
B25/50
K
B25/85
K
B25/100
K
Ordering code
10 k
1011
3660
3730
3730
B57620C0103+062
22 k
2003
3930
3960
3980
B57620C0223+062
47 k
2101
4030
4080
4100
B57620C0473+062
100 k
2903
4120
4190
4200
B57620C0104+162
220 k
2904
4230
4280
4300
B57620C0224+062
Reliability data
SMD NTC thermistors are tested in accordance with IEC 60068. The parts are mounted on a
standardized PCB in accordance with IEC 60539-1.
Test
Standard
Test conditions
∆R25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
JIS C 0021
Storage at upper
category temperature
T: (125
± 2) °C
t: 1000 h
< 3 % /
< 6 %1)
Storage in damp
heat, steady state
IEC
60068-2-3
JIS C 0022
Temperature of air: (40
± 2) °C
Relative humidity of air:
(93 +2 /–3) %
Duration: 21 days
< 3 %
No visible
damage
Rapid temperature
cycling
IEC
60068-2-14
JIS C 0025
Lower test temperature: – 55
°C
Upper test temperature: 125
°C
Number of cycles: 10
< 3 %
Endurance
Pmax: 210 mW
T: (65
± 2) °C
t: 1000 h
< 5 %
Solderability
IEC
60068-2-58
JIS C 0054
Solderability:
(215
± 3) °C / (3 ± 0,3) s
(235
± 5) °C / (2 ± 0,2) s
Resistance to soldering heat:
(260
± 5) °C / (10 ± 1) s
95 % of
terminations
wetted
Resistance drift
after soldering
Reflow soldering profile
Wave soldering profile
< 5 %
1) The higher value applies to 220
Ω–1kΩ types.
B57620
Temperature Measurement
C620
SMD NTC Thermistors with Silver Palladium Termination, Size 0805



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com