Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED56F Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # LED56F
Description  GaAs INFRARED EMITTING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LED56F Datasheet(HTML) 3 Page - Fairchild Semiconductor

  LED56F Datasheet HTML 1Page - Fairchild Semiconductor LED56F Datasheet HTML 2Page - Fairchild Semiconductor LED56F Datasheet HTML 3Page - Fairchild Semiconductor LED56F Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 1. Power Output vs. Input Current
0.01
.001
.002
.005
.01
.02
.05
0.1
0.2
0.5
1.0
2
5
10
IF, FORWARD CURRENT (A)
0.02
0.05
0.1
0.2
0.5
1.0
2
5
10
20
50
100
IF = 100 mA
TA = 25°C
NORMALIZED TO
CONTINUOUS
FORWARD
CURRENT
PW = 80
µsec
PULSED
FORWARD
CURRENT
Figure 2. Power Output vs. Temperature
0
0.2
-50
TA, AMBIENT TEMPERATURE (°C)
0.4
0.6
0.8
1.0
1.2
1.4
-25
0
150
75
50
25
100
125
IF = 100 mA
TA = 25°C
NORMALIZED TO
Figure 5. Typical Radiation Pattern
0
20
θ - ANGULAR DISPLACEMENT FROM OPTICAL AXIS (DEGREES)
40
60
80
100
-80
-60
-40
20
0
-20
40
60
80
Figure 4. Forward Voltage vs. Forward Current
1
2
.9
VF, FORWARD VOLTAGE (V)
4
6
8
10
20
40
60
80
100
1.0
1.1
1.2
1.5
1.4
1.3
Figure 3. Forward Voltage vs. Forward Current
.01
.02
VF, FORWARD VOLTAGE (V)
.04
.06
.08
0.1
0.2
0.4
0.6
0.8
1.0
2.0
4.0
6.0
8.0
10
01
2
8
5
4
36
7
10
9
TA = 100°C
25
°C
-55
°C
DS300313
6/05/01
3 OF 4
www.fairchildsemi.com
GaAs INFRARED EMITTING DIODE
LED55BF
LED55CF
LED56F
TYPICAL PERFORMANCE CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com