Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS16143 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # CS16143
Description  Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

CS16143 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  CS16143 Datasheet HTML 1Page - Hammond Manufacturing Ltd. CS16143 Datasheet HTML 2Page - Hammond Manufacturing Ltd. CS16143 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type 1 Mild Steel Junction Box CS Series
Screw Cover and without Knockouts
Application
Designed for general purpose indoor commercial use as a junction, pull
or switch box.
Standards
UL-50 Type 1
CSA Type 1
Complies with
NEMA Type 1
IEC 60529, IP20
Construction
Formed and spot welded from 16, 14 or 12 gauge steel depending on
size.
Flat steel covers fastened with plated steel screws.
Keyhole slots permit cover to be lifted off without removing screws
entirely.
Through holes in back for wall mounting.
Grounding location embossed in body.
Finish
Enclosure and cover are finished in ANSI 61 gray powder coating.
Part No.
Overall Dimensions
Mtg. Centers
Ship Wt.
A
B
C
D
E
F
G
H
lbs.
Quality Products. Service Excellence.


Similar Part No. - CS16143

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
CS1610 CIRRUS-CS1610 Datasheet
271Kb / 16P
TRIAC Dimmable LED Driver IC
logo
Transko Electronics, In...
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
logo
Ledil, Inc.
CS16102 LEDIL-CS16102 Datasheet
3Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
CS16104 LEDIL-CS16104 Datasheet
3Mb / 6P
IESNA Type III (medium) beam
More results

Similar Description - CS16143

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0910090022 MOLEX11-0910090022 Datasheet
226Kb / 3P
Junction Box, ISO, Right Angle, without Fuse
logo
Hammond Manufacturing L...
1414A HAMMOND-1414A Datasheet
167Kb / 1P
Type 12 Mild Steel Junction Box 1414 Series
1420B7 HAMMOND-1420B7 Datasheet
147Kb / 3P
Type 1 Mild Steel Wallmount Enclosure 1420 Series Hinge Door With Quarter Turn and W Mounting Flange
logo
List of Unclassifed Man...
A10086SC ETC2-A10086SC Datasheet
621Kb / 2P
Screw Cover, Type 12
E16PBG ETC2-E16PBG Datasheet
607Kb / 2P
77SC66p33e..c4422-0220..22362510710 Mild Steel
logo
Schneider Electric
TSXCANTDM4 SCHNEIDER-TSXCANTDM4 Datasheet
159Kb / 2P
IP20 CANopen tap junction box - 1 screw terminal block and 4 SUB-D9
May 2, 2022
VW3CANTAP2 SCHNEIDER-VW3CANTAP2 Datasheet
108Kb / 2P
CANopen junction box - 2 x RJ45 and 1 x RJ45
May 2, 2022
logo
FIBOX Enclosing innovat...
7010425 FIBOX-7010425 Datasheet
42Kb / 1P
Cover screw
02.08.2023
7010635 FIBOX-7010635 Datasheet
42Kb / 1P
Cover screw
02.08.2023
7028005 FIBOX-7028005 Datasheet
47Kb / 1P
Cover screw
11.08.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com