Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSHD-5503B Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LSHD-5503B
Description  The LSHD-5503 is a 0.56 inch 14.22mm digit height single-digit display
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSHD-5503B Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LSHD-5503B Datasheet HTML 1Page - Lite-On Technology Corporation LSHD-5503B Datasheet HTML 2Page - Lite-On Technology Corporation LSHD-5503B Datasheet HTML 3Page - Lite-On Technology Corporation LSHD-5503B Datasheet HTML 4Page - Lite-On Technology Corporation LSHD-5503B Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LSHD-5503
PAGE:
5 of 5
BNS-OD-C131/A4
TYPICAL ELECTRICAL / OPTICAL CHARACTERISTIC CURVES
(25
oC Ambient Temperature Unless Otherwise Noted)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com