Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADE7755EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-ADE7755EBZ
Description  Energy Metering IC with Pulse Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7755EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-ADE7755EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADE7755
Rev. A | Page 13 of 20
NONSINUSOIDAL VOLTAGE AND CURRENT
The active power calculation method also holds true for non-
sinusoidal current and voltage waveforms. All voltage and current
waveforms in practical applications have some harmonic content.
Using the Fourier Transform operation, instantaneous voltage
and current waveforms can be expressed in terms of their
harmonic content.
(
+
×
×
+
=
0
t
sin
2
)
(
h
h
h
O
a
V
V
t
v
)
(1)
where:
v(t)
is the instantaneous voltage.
VO
is the average voltage value.
Vh
is the rms value of the voltage harmonic, h.
ah
is the phase angle of the voltage harmonic.
+
×
×
+
=
0
)
t
sin(
2
)
(
h
h
h
O
β
I
I
t
i
(2)
where:
i(t) is the instantaneous current.
IO is the current dc component.
Ih is the rms value of the current harmonic, h.
βh is the phase angle of the current harmonic.
Using Equation 1 and Equation 2, the active power (P) can be
expressed in terms of its fundamental active power (P1) and
harmonic active power (PH).
P = P1 + PH
(3)
where:
P1 is the active power of the fundamental component:
P1 = V1 × I1 cosΦ1
Φ1 = α1 – β1
and
PH is the active power of all harmonic components:
Φ
×
=
1
cos
h
h
h
h
H
I
V
P
Φh = αh – βh
A harmonic active power component is generated for every
harmonic, provided that the harmonic is present in both the
voltage and current waveforms. The power factor calculation
previously shown is accurate in the case of a pure sinusoid;
therefore, the harmonic active power must also correctly
account for the power factor because it is made up of a series of
pure sinusoids.
Note that the input bandwidth of the analog inputs is 14 kHz
with a master clock frequency of 3.5795 MHz.
ANALOG INPUTS
Channel 1 (Current Channel)
The voltage output from the current transducer is connected
to the ADE7755 at Channel 1. Channel 1 is a fully differential
voltage input. V1P is the positive input with respect to V1N.
The maximum peak differential signal on Channel 1 should be
less than ±470 mV (330 mV rms for a pure sinusoidal signal)
for specified operation. Note that Channel 1 has a programmable
gain amplifier (PGA) with user-selectable gain of 1, 2, 8, or 16
(see Table 5). These gains facilitate easy transducer interfacing.
+470mV
–470mV
VCM
V1
DIFFERENTIAL INPUT
±470mV MAX PEAK
COMMON-MODE
±100mV MAX
V1P
V1N
V1
VCM
AGND
Figure 24. Maximum Signal Levels, Channel 1, Gain = 1
Figure 24 illustrates the maximum signal levels on V1P and
V1N. The maximum differential voltage is ±470 mV divided by
the gain selection. The differential voltage signal on the inputs
must be referenced to a common mode, for example, AGND.
The maximum common-mode signal is ±100 mV, as shown in
Figure 24.
Table 5. Gain Selection for Channel 1
G1
G0
Gain
Maximum Differential Signal (mV)
0
0
1
±470
0
1
2
±235
1
0
8
±60
1
1
16
±30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com