Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1902CDL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1902CDL
Description  Dual N-Channel 20 V (D-S) MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1902CDL Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1902CDL Datasheet HTML 1Page - Vishay Siliconix SI1902CDL Datasheet HTML 2Page - Vishay Siliconix SI1902CDL Datasheet HTML 3Page - Vishay Siliconix SI1902CDL Datasheet HTML 4Page - Vishay Siliconix SI1902CDL Datasheet HTML 5Page - Vishay Siliconix SI1902CDL Datasheet HTML 6Page - Vishay Siliconix SI1902CDL Datasheet HTML 7Page - Vishay Siliconix SI1902CDL Datasheet HTML 8Page - Vishay Siliconix SI1902CDL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number: 67876
S11-2306-Rev. B, 21-Nov-11
Vishay Siliconix
Si1902CDL
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
20
V
VDS Temperature Coefficient
ΔVDS/TJ
ID = 250 µA
25
mV/°C
VGS(th) Temperature Coefficient
ΔVGS(th)/TJ
- 2.6
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.6
1.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 85 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
2A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 1 A
0.195
0.235
Ω
VGS = 2.5 V, ID = 0.3 A
0.255
0.306
Forward Transconductance
gfs
VDS = 10 V, ID = 1 A
3ms
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
62
pF
Output Capacitance
Coss
20
Reverse Transfer Capacitance
Crss
7
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 1 A
23
nC
VDS = 10 V, VGS = 4.5 V, ID = 1 A
0.9
1.4
Gate-Source Charge
Qgs
0.2
Gate-Drain Charge
Qgd
0.2
Gate Resistance
Rg
f = 1 MHz
2.4
12
24
Ω
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 12.5 Ω
ID ≅ 0.8 A, VGEN = 10 V, Rg = 1 Ω
48
ns
Rise Time
tr
13
20
Turn-Off DelayTime
td(off)
11
20
Fall Time
tf
918
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 12.5 Ω
ID ≅ 0.8 A, VGEN = 4.5 V, Rg = 1 Ω
612
Rise Time
tr
16
24
Turn-Off Delay Time
td(off)
13
20
Fall Time
tf
10
20
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
0.35
A
Pulse Diode Forward Currenta
ISM
2
Body Diode Voltage
VSD
IS = 0.8 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 0.8 A, dI/dt = 100 A/µs
24
nC
Body Diode Reverse Recovery Charge
Qrr
816
ns
Reverse Recovery Fall Time
ta
5
Reverse Recovery Rise Time
tb
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com