Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL911VRKSA Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTL911VRKSA
Description  High Current Operation High Fiux Output Low Thermal Resistance Low Profile
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL911VRKSA Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTL911VRKSA Datasheet HTML 4Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 5Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 6Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 7Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 8Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 9Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 10Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 11Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
The suggesting soldering conditions are listed in table which is on page 9. The wave solder temperature profile
which is showed as below figure is taken on the bottom side of the PCB board. Both of the suggesting and maximum
conditions are all shown in the figure as below.
Part No. : LTL911VxKSA/LTL912VxKSA
Page :
10
of
12
BNS-OD-C131/A4
Preheat
30±5sec (Timemax=60sec)
85±15℃(Tempmax=100℃)
Peak
2.5sec (Timemax=5sec)
235℃(Tempmax=260℃)
Wave Solder Temperature Profile
0
40
80
120
160
200
240
280
0
8
16
24
32
40
48
56
64
Time (Sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com