Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5250ACAP Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5250ACAP
Description  Low-Power, Quad, 10-Bit Voltage-Output DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5250ACAP Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5250ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 9Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 10Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 11Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 12Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 13Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 14Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 15Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
__________Applications Information
Unipolar Output
For a unipolar output, the output voltages and the refer-
ence inputs have the same polarity. Figure 9 shows the
MAX5250 unipolar output circuit, which is also the typi-
cal operating circuit. Table 2 lists the unipolar output
codes.
For rail-to-rail outputs, see Figure 10. This circuit shows
the MAX5250 with the output amplifiers configured with
a closed-loop gain of +2 to provide 0V to 5V full-scale
range when a 2.5V reference is used.
Bipolar Output
The MAX5250 outputs can be configured for bipolar
operation using Figure 11’s circuit:
VOUT = VREF [(2NB / 1024) - 1]
where NB is the numeric value of the DAC’s binary
input code. Table 3 shows digital codes (offset binary)
and corresponding output voltages for Figure 11’s
circuit.
Low-Power, Quad, 10-Bit Voltage-Output DAC
with Serial Interface
______________________________________________________________________________________
13
Table 2. Unipolar Code Table
Table 3. Bipolar Code Table
( ) Sub-bits
DAC CONTENTS
ANALOG OUTPUT
MSB
LSB
1023
1111
1111
11(00)
+VREF ( ——— )
1024
513
1000
0000
01(00)
+VREF ( ——— )
1024
512
+VREF
1000
0000
00(00)
+VREF ( ——— ) = ————
1024
2
511
0111
1111
11(00)
+VREF ( ——— )
1024
1
0000
0000
01(00)
+VREF ( ——— )
1024
0000
0000
00(00)
0V
DAC CONTENTS
ANALOG OUTPUT
MSB
LSB
511
1111
1111
11(00)
+VREF ( ——— )
512
1
1000
0000
01(00)
+VREF ( ——— )
512
1000
0000
00(00)
0V
1
0111
1111
11(00)
-VREF ( ——— )
512
511
0000
0000
01(00)
-VREF ( ——— )
512
512
0000
0000
00(00)
-VREF ( ——— ) = -VREF
512
MAX5250
DAC A
DAC B
DAC C
DAC D
OUTA
FBA
FBB
FBC
FBD
OUTB
OUTC
OUTD
DGND
AGND
REFAB
REFCD
REFERENCE INPUTS
+5V
VDD
Figure 9. Unipolar Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com