Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JISC7021B-11 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # JISC7021B-11
Description  Meet ROHS, Green Product Extra thin 0.30H mm Chip LED Extra bright A1InGaP Chip LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

JISC7021B-11 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  JISC7021B-11 Datasheet HTML 1Page - Lite-On Technology Corporation JISC7021B-11 Datasheet HTML 2Page - Lite-On Technology Corporation JISC7021B-11 Datasheet HTML 3Page - Lite-On Technology Corporation JISC7021B-11 Datasheet HTML 4Page - Lite-On Technology Corporation JISC7021B-11 Datasheet HTML 5Page - Lite-On Technology Corporation JISC7021B-11 Datasheet HTML 6Page - Lite-On Technology Corporation JISC7021B-11 Datasheet HTML 7Page - Lite-On Technology Corporation JISC7021B-11 Datasheet HTML 8Page - Lite-On Technology Corporation JISC7021B-11 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical Optical Characteristics At Ta=25
Parameter
Symbol
Part No.
LTST-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
C194KSKT
28.0
-
180.0
mcd
IF = 20mA
Note 1
Viewing Angle
2 1/2
C194KSKT
130
deg
Note 2 (Fig.6)
Peak Emission Wavelength
P
C194KSKT
588
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
d
C194KSKT
587.0
-
597.0
nm
IF = 20mA
Note 3
Spectral Line Half-Width
C194KSKT
15
nm
Forward Voltage
VF
C194KSKT
-
2.00
2.40
V
IF = 20mA
Reverse Current
IR
C194KSKT
10
A
VR = 5V
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2.
1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength,
d is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
Part No. : LTST-C194KSKT
Page :
4
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com