Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65848 Datasheet(PDF) 4 Page - EPCOS

Part # B65848
Description  Ferrites and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65848 Datasheet(HTML) 4 Page - EPCOS

  B65848 Datasheet HTML 1Page - EPCOS B65848 Datasheet HTML 2Page - EPCOS B65848 Datasheet HTML 3Page - EPCOS B65848 Datasheet HTML 4Page - EPCOS B65848 Datasheet HTML 5Page - EPCOS B65848 Datasheet HTML 6Page - EPCOS B65848 Datasheet HTML 7Page - EPCOS B65848 Datasheet HTML 8Page - EPCOS B65848 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Mounting assembly
The set comprises a yoke and a clamp
Yoke
Made of nickel bronze (0.4 mm) with ground terminal (tinned)
Clamp
Spring clamp, made of stainless spring steel (0.4 mm)
Yoke
Clamp
Ordering code
Complete mounting assembly
B65848A2000X000
B65848
Accessories
EP 20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com