Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDXAVX015CDSA3 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # ASDXAVX015CDSA3
Description  Low Pressure and Ultra-Low Pressure Digital Output,2 Total Error Band, 10 Inches H20 to 100 psi
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ASDXAVX015CDSA3 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  ASDXAVX015CDSA3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center ASDXAVX015CDSA3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center ASDXAVX015CDSA3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center ASDXAVX015CDSA3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center ASDXAVX015CDSA3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center ASDXAVX015CDSA3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Honeywell Sensing and Control
5
Figure 4. Dimensional Drawings (For reference only: mm [in].)
AV Package (Legacy G2)
RR Package (Legacy D4)
AC Package (Legacy A2)
RV Package
Table 7. Pinout
I2C
SPI
Pin
Definition
Type
Description
Pin
Definition
Type
Description
1
SDA
digital I/O
serial bidirectional data;
data is clocked in or out on
clock edge of SCL
1
MISO
digital output
“Master In Slave Out” - serial
output data; data is clocked
out on clock edge of SCK
2
SCL
digital input
serial clock input; used to
clock data on SDA
2
SCK
digital input
serial clock input; used to
clock data on MISO
3
GND
supply
power supply ground
3
GND
supply
power supply ground
4
N/C
not used
do not connect in the
application
4
N/C
not used
do not connect in the
application
5
SS
digital output
interrupt signal (conversion
complete output)
5
SS
digital input
slave select
6
Vsupply
supply
power supply source
6
Vsupply
supply
power supply source
7
N/C
not used
do not connect in the
application
7
N/C
not used
do not connect in the
application
8
N/C
not used
do not connect in the
application
8
N/C
not used
do not connect in the
application



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com