Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJS02F222V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERJS02F222V
Description  Anti-Sulfurated Thick Film Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJS02F222V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERJS02F222V Datasheet HTML 1Page - Panasonic Semiconductor ERJS02F222V Datasheet HTML 2Page - Panasonic Semiconductor ERJS02F222V Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Anti-Sulfurated Thick Film Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
–40 –20
0
20
40
60
80 100 120 140 160
0
180
–60
70 °C
Ambient Temperature (°C)
20
40
60
80
100
–55 °C
125 °C
ERJU01
155 °C
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure below.
<For Jumper>
Type
(inch size)
Rated Current
(A)
Maximum Overload Current
(A)
ERJU01
(0201)
0.5
1
ERJS02
ERJU02
(0402)
12
ERJS03
ERJU03
(0603)
ERJS06
ERJU06
ERJS6S/Q
(0805)
24
ERJS08
ERJU08
(1206)
ERJS14
ERJU14
(1210)
ERJS12
ERJU12
(1812)
ERJS1D
ERJU1D
(2012)
ERJS1T
ERJU1T
(2512)
Aug. 2012
04
26



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com