Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLE102000 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # LLE102000
Description  Liquid level sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LLE102000 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  LLE102000 Datasheet HTML 1Page - Honeywell Solid State Electronics Center LLE102000 Datasheet HTML 2Page - Honeywell Solid State Electronics Center LLE102000 Datasheet HTML 3Page - Honeywell Solid State Electronics Center LLE102000 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Liquid level sensors
Honeywell Sensing and Control
3
MOUNTING DRAWING (IN MM AND INCHES)
19,00
(0.75)
22,49
(0.89)
19,40
(0.76)
12,45
(0.49)
4,70
(0.19)
0,22 mm
Tinned Ends
2
(0.01 in )
2
Ø10,00
+0,10
-0
4,1
(0.16)
13,0
(0.51)
2,3
(0.09)
16,12
(0.63)
0,22 mm
Tinned Ends
2
(0.01 in )
+0.004
-0
(0.39
)
2
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
Vcc
RED
OUTPUT
GREEN
SCHMITT
TRIGGER
PHOTO
TRANSISTOR
0 V
BLUE
IRED
VOLTAGE
REGULATOR
ELECTRICAL DIAGRAM
Notes
1 Recommended panel hole size Ø 12,5
±0.3 mm (0.49 ±0.01 in)
2 ‘O’ ring seal supplied Unassembled
LLE102000/LLE102101
(Type 2)
LLE105000/LLE105100
(Type 5)
19,00
(0.75)
"L"
12,40
(0.49)
10,25
(0.40)
4,70
(0.19)
0,22 mm2
(0.01 in2
)
Tinned Ends
19,00
(0.75)
0,22 mm2
(0.01 in2
)
Tinned Ends
"L"
7,20
(0.28)
10,30
(0.41)
2,70
(0.11)
M12 x 1 - 8 g
LLE101000/LLE101101
(Type 1)
LLE103000/LLE103101
(Type 3)
Cable length
12,3
(0.49)
16,00
(0.63)
24,00
(0.94)
24,00
(0.94)
45,4
(1.79)
16,5
(0.65)
Thread 1/2" BSP
Ø14,5
0.57
0,22 mm2 (0.01 in2)
Tinned Ends
LLE205000/LLE205100
LLE305000/LLE305100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com