Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSCSNBN015PDAA5 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SSCSNBN015PDAA5
Description  Total Error Band Amplified Compensated Analog Output, 1psito 150psi 60mbar 10 bar
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SSCSNBN015PDAA5 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SSCSNBN015PDAA5 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SSCSNBN015PDAA5 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SSCSNBN015PDAA5 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SSCSNBN015PDAA5 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SSCSNBN015PDAA5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SSCSNBN015PDAA5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SSCSNBN015PDAA5 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SSCSNBN015PDAA5 Datasheet HTML 8Page - Honeywell Solid State Electronics Center SSCSNBN015PDAA5 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
www.honeywell.com/sensing
POTENTIAL APPLICATIONS
Medical:
-
Airflow monitors
-
Anesthesia machines
-
Blood analysis machines
-
Gas chromatography
-
Gas flow instrumentation
-
Kidney dialysis machines
-
Oxygen concentrators
-
Pneumatic controls
-
Respiratory machines
-
Sleep apnea equipment
-
Ventilators
Industrial:
-
Barometry
-
Flow calibrators
-
Gas chromatography
-
Gas flow instrumentation
-
HVAC
-
Life sciences
-
Pneumatic controls
Table 1. Absolute Maximum Ratings
1
Parameter
Min.
Max.
Unit
Supply voltage (Vsupply)
-0.3
6.0
Vdc
Voltage on any pin
-0.3
Vsupply + 0.3
V
ESD susceptibility (human body model)
3
-
kV
Storage temperature
-40 [-40]
85 [185]
°C [°F]
Soldering time and temperature:
Lead solder (SIP, DIP)
Peak reflow (SMT)
4 s max. at 250 °C [482 °F]
15 s max. at 250 °C [482 °F]
Table 2. Operating Specifications
Parameter
Min.
Typ.
Max.
Unit
Supply voltage (Vsupply)
2:
3.3 Vdc
5.0 Vdc
Sensors are either 3.3 Vdc or 5.0 Vdc based on listing selected.
3.0
4.75
3.3
3
5.0
3
3.6
5.25
Vdc
Supply current:
3.3 Vdc supply
5.0 Vdc supply
-
-
1.6
2
2.1
3
mA
Compensated temperature range
4
-20 [-4]
-
85 [185]
°C [°F]
Operating temperature range
5
-40 [-40]
-
85 [185]
°C [°F]
Startup time (power up to data ready)
-
-
5
ms
Response time
-
1
-
ms
Upper output clipping limit
-
-
97.5
%Vsupply
Lower output clipping limit
2.5
-
-
%Vsupply
Accuracy
6
-
-
±0.25
%FSS BFSL
Total error band
7
-
-
±2
%FSS
8
Output resolution
0.03
-
-
%FSS
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com