Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT634 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMT634
Description  100V NPN DARLINGTON TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT634 Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMT634 Datasheet HTML 1Page - Diodes Incorporated FMMT634 Datasheet HTML 2Page - Diodes Incorporated FMMT634 Datasheet HTML 3Page - Diodes Incorporated FMMT634 Datasheet HTML 4Page - Diodes Incorporated FMMT634 Datasheet HTML 5Page - Diodes Incorporated FMMT634 Datasheet HTML 6Page - Diodes Incorporated FMMT634 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FMMT634
Document number: DS33115 Rev. 2 - 2
4 of 7
www.diodes.com
May 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT634
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
120
170
-
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
100
115
-
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
12
16
-
V
IE = 100µA
Collector Cut-off Current
ICBO
-
<1
10
nA
VCB = 80V
Emitter Cut-off Current
IEBO
-
<1
10
nA
VEB = 7V
Collector Emitter Cut-off Current
ICES
-
<1
100
nA
VCES = 80V
Static Forward Current Transfer Ratio (Note 9)
hFE
-
20k
15k
5k
-
-
50k
60k
40k
14k
24k
600
-
-
-
-
-
-
-
IC = 10mA, VCE = 5V
IC = 100mA, VCE = 5V
IC = 1A, VCE = 5V
IC = 2A, VCE = 5V
IC = 1A, VCE = 2V
IC = 5A, VCE = 5V
Collector-Emitter Saturation Voltage (Note 9)
VCE(sat)
-
-
-
-
-
-
0.67
0.72
0.75
0.82
0.68
0.85
0.75
0.80
0.85
0.93
-
0.96
V
IC = 100mA, IB = 1mA
IC = 250mA, IB = 1mA
IC = 500mA, IB = 5mA
IC = 900mA, IB = 5mA
IC = 900mA, IB = 5mA, TJ=+150°C
IC = 1A, IB = 5mA
Base-Emitter Saturation Voltage (Note 9)
VBE(sat)
-
1.5
1.65
V
IC = 1A, IB = 5mA
Base-Emitter Turn-On Voltage (Note 9)
VBE(on)
-
1.33
1.50
V
IC = 1A, VCE = 5V
Transition Frequency
fT
-
140
-
MHz
IC = 50mA, VCE = 10V,
f = 100MHz
Output Capacitance
Cobo
-
9
20
pF
VCB = 10V, f = 1MHz
Turn-On Time
t(on)
-
290
-
ns
VCC = 20V, IC = 500mA,
IB1 = -IB2 = 1mA
Turn-Off Time
t(off)
-
2,400
-
ns
Notes:
9. Measured under pulsed conditions. Pulse width • 300µs. Duty cycle • 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com