Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP720MA Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXTP720MA
Description  40V PNP LOW SATURATION SWITCHING TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP720MA Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXTP720MA Datasheet HTML 1Page - Diodes Incorporated ZXTP720MA Datasheet HTML 2Page - Diodes Incorporated ZXTP720MA Datasheet HTML 3Page - Diodes Incorporated ZXTP720MA Datasheet HTML 4Page - Diodes Incorporated ZXTP720MA Datasheet HTML 5Page - Diodes Incorporated ZXTP720MA Datasheet HTML 6Page - Diodes Incorporated ZXTP720MA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ZXTP720MA
Document Number DS31883 Rev. 5 - 2
6 of 7
www.diodes.com
January 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP720MA
Package Outline Dimensions
Suggested Pad Layout
DFN2020B-3
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
0.152
b
0.20
0.30
0.25
D
1.95 2.075 2.00
D2
1.22
1.42
1.32
D4
0.56
0.76
0.66
e
0.65
E
1.95 2.075 2.00
E2
0.79
0.99
0.89
E4
0.48
0.68
0.58
L
0.25
0.35
0.30
Z
0.225
All Dimensions in mm
Dimensions
Value (in mm)
C
1.30
G
0.24
X
0.35
X1
1.52
Y
1.09
Y1
0.47
Y2
0.50
SEATING PLANE
E E2
D
D2
L
A3
A
A1
b
D4
E4
Z
e
e
X
Y1
Y
Y2
X1
C
G



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com