Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2C Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # E2C
Description  SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

E2C Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  E2C Datasheet HTML 1Page - Yea Shin Technology Co., Ltd E2C Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
E2A THRU E2J
SMF Unit: inch ( mm )
Top View
5
5
Z
Cathode Band
Detail
Z
enlarged
0.10 max
0.195 (0.9)typical
(0.189)4.8
(0.173)4.4
(0.052)1.3
(0.043)1.1
0.110(2.8)
0.095(2.4)
1.43
1.38
3.6
3.2
0.22
0.15
SURFACE MOUNT SUPERFAST RECTIFIER
VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
FEATURES
•
For surface mounted applications
•
Low profile package
•
Built-in strain relief
•
Easy pick and place
•
Superfast recovery times for high efficiency
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
•
Glass passivated junction
•
High temperature soldering:
260
/ 10 seconds at terminals
High temperature soldering : 260
•
OC / 10 seconds at terminals
Pb free produ
•
ct at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
•
Case: JEDEC DO-214AC molded plastic
•
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
•
Polarity: Indicated by cathode band
•
Standard packaging: 12mm tape (EIA-481)
•
Weight: 0.002 ounce, 0.064 gram
OC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave 60Hz resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOLS
E2A
E2B
E2C
E2D
E2E
E2G
E2J
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward Rectified Current,
at TL=120℃
Volts
2.0
Amps
Peak Forward Surge Current 8.3ms single half
sinewave superimposed on rated load(JEDEC method)
IFSM
30.0
Amps
Maximum Instantaneous Forward Voltage at 1.0A
VF
0.95
1.25
1.7
Volts
Maximum DC Reverse Current TA=25
At Rated DC Blocking Voltage TA=100
5.0
100
uA
Maximum Reverse Recovery Time (Note 1)
35.0
nS
Typical Junction capacitance (Note 2)
10.0
pF
Typical Thermal Resistance (Note 3)
35
/W
Operating and Storage Temperature Range
-55to +150
NOTES:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1 MHz and Applied reverse voltage of 4.0 volts
3. 8.0mm2 (.013mm thick) land areas
OC
OC
OC
OC
IR
TRR
Cj
TSTG
RθJA
OC


Similar Part No. - E2C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2C OMRON-E2C Datasheet
396Kb / 15P
Miniature Inductive Prox
logo
List of Unclassifed Man...
E2C-10-20-038-0 ETC2-E2C-10-20-038-0 Datasheet
386Kb / 5P
e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
logo
Omron Electronics LLC
E2C-AM4A OMRON-E2C-AM4A Datasheet
11Mb / 31P
Products Related to Common Sockets and DIN Tracks
2017.4
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
Miniature Inductive Prox
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
Separate Amplifier Sensor with Sensitivity Adjustment
More results

Similar Description - E2C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1A PANJIT-ER1A Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER2A PANJIT-ER2A Datasheet
64Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
ER2A SURGE-ER2A Datasheet
84Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 2.0 Amperes
logo
Yea Shin Technology Co....
E1A YEASHIN-E1A Datasheet
365Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
EK3A YEASHIN-EK3A Datasheet
422Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere
EK5A YEASHIN-EK5A Datasheet
447Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Ampere
ER2A YEASHIN-ER2A Datasheet
44Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFI ER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
ER3A YEASHIN-ER3A Datasheet
786Kb / 3P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere
ES1A YEASHIN-ES1A Datasheet
41Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
ES2A YEASHIN-ES2A Datasheet
472Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com