Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1AS Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # SF1AS
Description  SURFACE MOUNT REVERSE VOLTAGE - 50 to 6 00 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SF1AS Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  SF1AS Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SF1AS Datasheet HTML 2Page - Yea Shin Technology Co., Ltd SF1AS Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
H
http://www.yeashin.com
1
REV.02 20110725
DATA SHEET
SOD-123S
0.014(0.35)
MIN
0.112(2.85)
0.047(1.20)
0.100(2.55)
MAX
0.152(3.85)
0.140(3.55)
Unit:inch(mm)
: Halogen Free
: Pb Free
SEMICONDUCTOR
SF1AS THRU SF1JS
SURFACE MOUNT REVERSE VOLTAGE - 50 to 6 00 Volts
SUP ER FAST RECTIFIERS FORWARD CURRENT - 1.0 Ampere
FEATURES
•
Glass passivated chip
•
Super fast switching for high efficiency
•
For surface mounted applications
•
Low forward voltage drop and high current capability
•
Low reverse leakage current
•
Plastic material has UL flammability classification 94V-0
High temperature soldering : 260
•
OC / 10 seconds at terminals
•
Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
MECHANICAL DATA
•
Case : Molded plastic
•
Polarity : Indicated by cathode band
•
Weight : 0 .01 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SYMBOLS
SF1AS
SF1BS
SF1CS
SF1DS
SF1ES
SF1GS
SF1JS
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward Rectified Current,
at TL=120℃
Volts
1.0
Amps
Peak Forward Surge Current 8.3ms single half
sinewave superimposed on rated load(JEDEC method)
IFSM
30.0
Amps
Maximum Instantaneous Forward Voltage at 1.0A
VF
0.95
1.25
1.7
Volts
Maximum DC Reverse Current TA=25
At Rated DC Blocking Voltage TA=100
5.0
100
uA
Maximum Reverse Recovery Time (Note 1)
35.0
nS
Typical Junction capacitance (Note 2)
10.0
pF
Typical Thermal Resistance (Note 3)
35
/W
Operating and Storage Temperature Range
-55to +150
NOTES:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1 MHz and Applied reverse voltage of 4.0 volts
3. 8.0mm2
OC
OC
OC
IR
TRR
Cj
TSTG
RθJA
OC
(.013mm thick) land areas


Similar Part No. - SF1AS

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SF1A SSE-SF1A Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
List of Unclassifed Man...
SF1A05A ETC2-SF1A05A Datasheet
63Kb / 1P
ELECTRONIC APPLICATIONS COMPANY
SF1A05D ETC2-SF1A05D Datasheet
63Kb / 1P
ELECTRONIC APPLICATIONS COMPANY
SF1A05H ETC2-SF1A05H Datasheet
63Kb / 1P
ELECTRONIC APPLICATIONS COMPANY
SF1A12A ETC2-SF1A12A Datasheet
63Kb / 1P
ELECTRONIC APPLICATIONS COMPANY
More results

Similar Description - SF1AS

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US1A PACELEADER-US1A Datasheet
129Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US2AA PACELEADER-US2AA Datasheet
158Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US2AB PACELEADER-US2AB Datasheet
137Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AB PACELEADER-US3AB Datasheet
156Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AC PACELEADER-US3AC Datasheet
147Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Yea Shin Technology Co....
U2A YEASHIN-U2A Datasheet
134Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
UF1A YEASHIN-UF1A Datasheet
38Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
UF1AS YEASHIN-UF1AS Datasheet
48Kb / 3P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
US2A YEASHIN-US2A Datasheet
192Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com