Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66287K Datasheet(PDF) 2 Page - EPCOS

Part # B66287K
Description  Ferrites and accessories
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66287K Datasheet(HTML) 2 Page - EPCOS

  B66287K Datasheet HTML 1Page - EPCOS B66287K Datasheet HTML 2Page - EPCOS B66287K Datasheet HTML 3Page - EPCOS B66287K Datasheet HTML 4Page - EPCOS B66287K Datasheet HTML 5Page - EPCOS B66287K Datasheet HTML 6Page - EPCOS B66287K Datasheet HTML 7Page - EPCOS B66287K Datasheet HTML 8Page - EPCOS B66287K Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Core set EELP 32
Combination: ELP 32/6/20 with ELP 32/6/20
■
To IEC 62317-9
■
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.32 mm–1
le
= 41.4 mm
Ae
= 130 mm2
Amin = 128 mm2
Ve
= 5390 mm3
Approx. weight 28 g/set
Ungapped
* H = 250 A/m; f = 10 kHz; T = 100 °C
Calculation factors (for formulas, see “E cores: general information” )
EELP 32:
Validity range:
K1, K2: 0.10 mm < s < 1.50 mm
K3, K4: 150 nH < AL < 1000 nH
Clamp
Ordering code per piece, 2 pieces required
Ordering code: B65808J2204X000
Material
AL value
nH
e
BS*
mT
PV
W/set
Ordering code
(per piece)
N49
3900
25%
990
250
< 1.40 ( 50 mT, 500 kHz, 100 °C) B66287G0000X149
N92
4300
25% 1090 350
< 3.70 (200 mT, 100 kHz, 100 °C) B66287G0000X192
N87
5700
25% 1450 300
< 3.40 (200 mT, 100 kHz, 100 °C) B66287G0000X187
N97
5700
25% 1440 310
< 2.60 (200 mT, 100 kHz, 100 °C) B66287G0000X197
N95
6900
25% 1740 310
< 3.40 (200 mT, 100 kHz, 25 °C)
< 3.10 (200 mT, 100 kHz, 100 °C)
B66287G0000X195
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N87
208
–0.819
367
–0.796
322
–0.873
ELP 32/6/20
B66287, B65808
Core and accessories (with clamp recess)
ELP 32/6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com