Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-7403 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-7403
Description  7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-7403 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-7403 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-7403 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-7403 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-7403 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-7403 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-7403 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-7403 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-7403 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-7403 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Part Numbering System
Notes:
1. For codes not listed in the figure above, please refer to the respective datasheet or contact your nearest Avago
representative for details.
2. Bin options refer to shippable bins for a part number. Color and Intensity Bins are typically restricted to 1 bin per tube
(exceptions may apply). Please refer to respective datasheet for specific bin limit information.
Mechanical Option [1]
00: No Mechanical Option
Color Bin Options [1, 2]
0: No Color Bin Limitation
3: Color Bins 3- and 3+ only (applicable for Yellow devices only)
Z: Color Bins 2- and 3+ only (applicable for Yellow devices only)
Maximum Intensity Bin [1, 2]
0: No Maximum Intensity Bin Limitation
Minimum Intensity Bin [1, 2]
0: No Minimum Intensity Bin Limitation
Device Configuration/Color [1]
1: Common Anode
2: Common Anode
3: Common Cathode
4: Common Cathode
Device Specific Configuration [1]
Refer to Respective Datasheet
Package [1]
A: 7.6 mm (0.3 inch) Single Digit Seven Segment Display
5082 – X XX X – X X X XX
HDSP – X XX X – X X X XX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com