Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.2-VLVCMOS Datasheet(PDF) 15 Page - Altera Corporation

Part # 1.2-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

1.2-VLVCMOS Datasheet(HTML) 15 Page - Altera Corporation

Back Button 1.2-VLVCMOS Datasheet HTML 11Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 12Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 13Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 14Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 15Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 16Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 17Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 18Page - Altera Corporation 1.2-VLVCMOS Datasheet HTML 19Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Chapter 1: Cyclone III Device Datasheet
1–15
Switching Characteristics
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 2
PLL Specifications
Table 1–20 describes the PLL specifications for Cyclone III devices when operating in
the commercial junction temperature range (0°C to 85°C), the industrial junction
temperature range (–40°C to 100°C), and the automotive junction temperature range
(–40°Cto 125°C). For more information about PLL block, refer to “PLL Block” in
“Glossary” on page 1–27.
Table 1–20. Cyclone III Devices PLL Specifications (1)
(Part 1 of 2)
Symbol
Parameter
Min
Typ
Max
Unit
fIN (2)
Input clock frequency
5
—
472.5
MHz
fINPFD
PFD input frequency
5
—
325
MHz
fVCO (3)
PLL internal VCO operating range
600
—
1300
MHz
fINDUTY
Input clock duty cycle
40
—
60
%
tINJITTER_CCJ (4)
Input clock cycle-to-cycle jitter for FINPFD  100 MHz
—
—
0.15
UI
Input clock cycle-to-cycle jitter for FINPFD < 100 MHz
—
—
±750
ps
fOUT_EXT (external clock output)
(2)
PLL output frequency
—
—
472.5
MHz
fOUT (to global clock)
PLL output frequency (–6 speed grade)
—
—
472.5
MHz
PLL output frequency (–7 speed grade)
—
—
450
MHz
PLL output frequency (–8 speed grade)
—
—
402.5
MHz
tOUTDUTY
Duty cycle for external clock output (when set to 50%)
45
50
55
%
tLOCK
Time required to lock from end of device configuration
—
—
1
ms
tDLOCK
Time required to lock dynamically (after switchover,
reconfiguring any non-post-scale counters/delays or
areset is deasserted)
——
1
ms
tOUTJITTER_PERIOD_DEDCLK (5)
Dedicated clock output period jitter
FOUT  100 MHz
—
—
300
ps
FOUT < 100 MHz
—
—
30
mUI
tOUTJITTER_CCJ_DEDCLK (5)
Dedicated clock output cycle-to-cycle jitter
FOUT  100 MHz
—
—
300
ps
FOUT < 100 MHz
—
—
30
mUI
tOUTJITTER_PERIOD_IO (5)
Regular I/O period jitter
FOUT  100 MHz
—
—
650
ps
FOUT < 100 MHz
—
—
75
mUI
tOUTJITTER_CCJ_IO (5)
Regular I/O cycle-to-cycle jitter
FOUT  100 MHz
—
—
650
ps
FOUT < 100 MHz
—
—
75
mUI
tPLL_PSERR
Accuracy of PLL phase shift
—
—
±50
ps
tARESET
Minimum pulse width on areset signal.
10
—
—
ns
tCONFIGPLL
Time required to reconfigure scan chains for PLLs
—
3.5 (6)
—
SCANCLK
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com