Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-K211 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-K211
Description  Black Surface Seven Segment Displays
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-K211 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-K211 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-K211 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-K211 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-K211 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-K211 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-K211 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-K211 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-K211 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-K211 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Part Numbering System
Notes:
1. For codes not listed in the figure above, please refer to the respective datasheet or contact your nearest Avago rep-
resentative for details.
2. Bin options refer to shippable bins for a part number. Color and Intensity Bins are typically restricted to 1 bin per
tube (exceptions may apply). Please refer to respective datasheet for specific bin limit information.
5082- X X X X - X X X X X
HDSP - X X X X - X X X X X
Mechanical Options[1]
00: No Mechanical Option
Color Bin Options[1,2]
0: No Color Bin Limitation
Maximum Intensity Bin[1,2]
0: No Maximum Intensity Bin Limitation
Minimum Intensity Bin[1,2]
0: No Minimum Intensity Bin Limitation
Device Configuration/Color[1]
1: Common Anode
3: Common Cathode
Device Specific Configuration[1]
Refer to Respective Datasheet
Package[1]
A: 7.6 mm (0.3 inch) Single Digit Seven Segment Display
F: 10 mm (0.4 inch) Single Digit Seven Segment Display
G: 10 mm (0.4 inch) Dual Digit Seven Segment Display
H: 14.2 mm (0.56 inch) Single Digit Seven Segment Display
K: 14.2 mm (0.56 inch) Dual Digit Seven Segment Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com