Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-785E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-785E
Description  Hermetically Sealed Analog Isolation Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-785E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-785E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Device Marking
Superior performance in design critical specifications
such as common-mode rejection, offset voltage, nonlin-
earity, and operating temperature make the HCPL-7850,
HCPL-7851 and ACPL-785E excellent choices for designing
reliable products such as motor controllers and inverters.
With common-mode rejection of 8 kV/
s these devices are
suitable for noisy electrical environments such as those
generated by the high switching rates of power IGBTs.
Low offset voltage together with a low offset voltage
temperature coefficient permits accurate use of auto-
calibration techniques.
Gain tolerance of 5% with 0.1% nonlinearity further
provide the performance necessary for accurate feedback
and control.
Selection Guide – Package Styles and Lead Configuration Options
Avago Technologies’s Part Number and Options
Commercial
HCPL-7850
MIL-PRF-38534, Class H
HCPL-7851
MIL-PRF-38534, Class E
ACPL-785E
Standard Lead Finish
Gold Plate
Gold Plate
Solder Dipped *
Option #200
Option -200
Butt Cut/Gold Plate
Option #100
Option -100
Gull Wing/Soldered *
Option #300
Option -300
SMD Part Number
Prescript for all below
5962-
5962-
Gold Plate
9755701HPC
9755701EPC
Solder Dipped *
9755701HPA
9755701EPA
Butt Cut/Gold Plate
9755701HYC
9755701EYC
Butt Cut/Soldered *
9755701HYA
9755701EYA
Gull Wing/Soldered *
9755701HXA
9755701EXA
*Solder contains lead.
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
A QYYWWZ
XXXXXXXX
XXXXXXXXX
XXX
XXX
50434
COUNTRY OF MFR.
Avago CAGE CODE*
Avago DESIGNATOR
DLA SMD*
PIN ONE/
ESD IDENT
Avago P/N
DLA SMD*
* QUALIFIED PARTS ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com