Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS60-1024-N2 Datasheet(PDF) 1 Page - CUI INC

Part # MAS60-1024-N2
Description  absolute encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MAS60-1024-N2 Datasheet(HTML) 1 Page - CUI INC

  MAS60-1024-N2 Datasheet HTML 1Page - CUI INC MAS60-1024-N2 Datasheet HTML 2Page - CUI INC MAS60-1024-N2 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAS60-XXXX-XX
4096 (G or N)
3600 (B)
800(B)
720(B)
2048 (G or N)
2000 (B, G or N)
1024 (G or N)
1000 (B, G or N)
512 (G or N)
400 (B)
360 (B)
256 (G or N)
B = BCD code
2 = 5VDC -5% ~ 24Vdc ±15%
(open collector only)
1 = 5VDC -5% ~ 12Vdc ±10%
(voltage output only)
N = Natural Binary
G = Gray Code
Input Voltage:
Output Type:
Resolution (PPR):
page
date
DESCRIPTION: absolute encoder
1 of 3
05/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: MAS60
ELECTRICAL SPECIFICATIONS
output signals
G: gray code, N: pure binary code, B: BCD code
current consumption
300 mA max. (voltage output), 150 mA max. (open collector)
frequency response
40 kbit/sec (10 kbit/sec when accuracy is guaranteed)
output phase difference
90° ± 45°
output circuit / supply voltage
voltage output:
5 V dc -5% ~ 12 Vdc +10%
open collector:
5 V dc -5% ~ 24 V dc +15%
output resolution (ppr)
256, 360, 400, 512, 720, 800, 1000, 1024, 2000, 2048, 3600, 4096
output circuit
voltage (TTL), open collector
MECHANICAL SPECIFICATIONS
max shaft load
radial: 5.0 kgf
axial: 3.0 kgf
moment of inertia
2.0 g·cm²
starting torque
2 mN·m typ.
max rotational speed
12000 r/min (simultaneous), 7000 r/min (continuous)
shock resistance
50G, 3 axes, 3 reps
vibration resistance
5~500 Hz, 1.52mm, 2 hrs
weight
570 g
ENVIRONMENTAL SPECIFICATIONS
operating temp
-10° to +70° C
storage temp
-25° to +80° C
humidity
95% RH max., no condensation
ORDERING INSTRUCTIONS


Similar Part No. - MAS60-1024-N2

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6011 MAS-MAS6011 Datasheet
170Kb / 8P
Solar Cell System Manager
MAS6011AA3Q1306 MAS-MAS6011AA3Q1306 Datasheet
170Kb / 8P
Solar Cell System Manager
MAS6011AA3WA300 MAS-MAS6011AA3WA300 Datasheet
170Kb / 8P
Solar Cell System Manager
MAS6011B MAS-MAS6011B Datasheet
181Kb / 10P
Solar Cell Energy Harvesting
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
Stepper Motor Driver IC
More results

Similar Description - MAS60-1024-N2

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
absolute encoder
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
absolute encoder
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
absolute encoder
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
Absolute encoder / absolute code output
logo
ASM GmbH
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
Absolute Encoder Output
logo
Pepperl+Fuchs Inc.
AHS58-0 PF-AHS58-0 Datasheet
305Kb / 6P
Singleturn absolute encoder
ASS58-0 PF-ASS58-0 Datasheet
351Kb / 7P
Singleturn absolute encoder
AVM58-H PF-AVM58-H Datasheet
431Kb / 8P
Multiturn absolute encoder
AVM78E PF-AVM78E Datasheet
508Kb / 5P
Multiturn absolute encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com