Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S30 Datasheet(PDF) 3 Page - Altera Corporation

Part # EP2S30
Description  This datasheet describes enhanced configuration (EPC) devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S30 Datasheet(HTML) 3 Page - Altera Corporation

  EP2S30 Datasheet HTML 1Page - Altera Corporation EP2S30 Datasheet HTML 2Page - Altera Corporation EP2S30 Datasheet HTML 3Page - Altera Corporation EP2S30 Datasheet HTML 4Page - Altera Corporation EP2S30 Datasheet HTML 5Page - Altera Corporation EP2S30 Datasheet HTML 6Page - Altera Corporation EP2S30 Datasheet HTML 7Page - Altera Corporation EP2S30 Datasheet HTML 8Page - Altera Corporation EP2S30 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Functional Description
Page 3
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Table 2 lists the supported EPC devices required to configure an ACEX 1K, APEX 1K,
APEX 20K, APEX 20KC, APEX 20KE, APEX II, Arria GX, Cyclone, Cyclone II,
FLEX 10K, FLEX 10KA, FLEX 10KE, Stratix, Stratix GX, Stratix II, Stratix II GX, or
Mercury device.
Table 2. Supported EPC Devices for Each Device Family (Part 1 of 3)
Device Family
Device
Data Size (Bits)
(1)
EPC Devices
EPC4 (2)
EPC8 (2)
EPC16 (2)
Arria GX
EP1AGX20C
9,640,672
—
—
1
EP1AGX35C
EP1AGX35D
9,640,672
—
—
1
EP1AGX50C
EP1AGX50D
16,951,824
—
—
1
EP1AGX60C
EP1AGX60D
EP1AGX60E
16,951,824
—
—
1
EP1AGX90E
25,699,104
—
—
1
Stratix
EP1S10
3,534,640
1
1
1
EP1S20
5,904,832
1
1
1
EP1S25
7,894,144
—
1
1
EP1S30
10,379,368
—
1
1
EP1S40
12,389,632
—
1
1
EP1S60
17,543,968
—
—
1
EP1S80
23,834,032
—
—
1
Stratix GX
EP1SGX10
3,534,640
1
1
1
EP1SGX25
7,894,144
—
1
1
EP1SGX40
12,389,632
—
1
1
Stratix II
EP2S15
4,721,544
1
1
1
EP2S30
9,640,672
—
1
1
EP2S60
16,951,824
—
—
1
EP2S90
25,699,104
—
—
—
EP2S130
37,325,760
—
—
—
EP2S180
49,814,760
—
—
—
Stratix II GX
EP2SGX30C
9,640,672
—
—
1
EP2SGX30D
9,640,672
—
—
1
EP2SGX60C
16,951,824
—
—
1
EP2SGX60D
16,951,824
—
—
1
EP2SGX60E
16,951,824
—
—
1
EP2SGX90E
25,699,104
—
—
—
EP2SGX90F
25,699,104
—
—
—
EP2SGX130G
37,325,760
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com