Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C35 Datasheet(PDF) 31 Page - Altera Corporation

Part # EP2C35
Description  This datasheet describes enhanced configuration (EPC) devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35 Datasheet(HTML) 31 Page - Altera Corporation

Back Button EP2C35 Datasheet HTML 27Page - Altera Corporation EP2C35 Datasheet HTML 28Page - Altera Corporation EP2C35 Datasheet HTML 29Page - Altera Corporation EP2C35 Datasheet HTML 30Page - Altera Corporation EP2C35 Datasheet HTML 31Page - Altera Corporation EP2C35 Datasheet HTML 32Page - Altera Corporation EP2C35 Datasheet HTML 33Page - Altera Corporation EP2C35 Datasheet HTML 34Page - Altera Corporation EP2C35 Datasheet HTML 35Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Operating Conditions
Page 31
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Operating Conditions
Table 15 through Table 19 list information about absolute maximum ratings,
recommended operating conditions, DC operating conditions, supply current values,
and pin capacitance data for the EPC devices.
Table 15. Absolute Maximum Rating for EPC Devices
Symbol
Parameter
Condition
Min
Max
Unit
VCC
Supply voltage
With respect to ground
-0.2
4.6
V
VI
DC input voltage
With respect to ground
-0.5
3.6
V
IMAX
DC VCC or ground current
—
—
100
mA
IOUT
DC output current, per pin
—
-25
25
mA
PD
Power dissipation
—
—
360
mW
TSTG
Storage temperature
No bias
-65
150
C
TAMB
Ambient temperature
Under bias
-65
135
C
TJ
Junction temperature
Under bias
—
135
C
Table 16. Recommended Operating Conditions for EPC Devices
Symbol
Parameter
Condition
Min
Max
Unit
VCC
Supplies voltage for 3.3-V operation
—
3.0
3.6
V
VI
Input voltage
With respect to ground
–0.3
VCC + 0.3
V
VO
Output voltage
—
0
VCC
V
TA
Operating temperature
For commercial use
0
70
C
For industrial use
–40
85
C
For military use (1)
–55
125
C
TR
Input rise time
—
—
20
ns
TF
Input fall time
—
—
20
ns
Note to Table 16:
(1) Applicable for UBGA88 package of the EPC16 device only.
Table 17. DC Operating Conditions for EPC Devices
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC
Supplies voltage to core
—
3.0
3.3
3.6
V
VIH
High-level input voltage
—
2.0
—
VCC + 0.3
V
VIL
Low-level input voltage
—
—
—
0.8
V
VOH
3.3-V mode high-level TTL output
voltage
IOH = –4 mA
2.4
—
—
V
3.3-V mode high-level CMOS
output voltage
IOH = –0.1 mA
VCC – 0.2
—
—
V
VOL
Low-level output voltage TTL
IOL = –4 mA DC
—
—
0.45
V
Low-level output voltage CMOS
IOL = –0.1 mA DC
—
—
0.2
V
II
Input leakage current
VI = VCC or ground
–10
—
10
A
IOZ
Tri-state output off-state current
VO = VCC or ground
–10
—
10
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com