Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7812B Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  AMC7812B Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
ADC-REF-IN/CMP
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
CH9
CH10
CH11
CH12
CH13
CH14
CH15
D1+
D2+
D1-
D2-
ALARM
DAV
RESET
REF-DAC
REF-OUT
Local
Temperature
Sensor
Remote
Temperature
Sensor
Driver
Out-of-Range
Alarms
Control
Logic
Serial Interface Register and Control
(SPI/I C)
2
DACs Clear Logic
Control/Limits/Status
Registers
Trigger
Reference
(2.5V)
AMC7812B
ADC
DAC-0
DAC-11
LOAD-DAC
DAC0-OUT
DAC1-OUT
DAC2-OUT
DAC3-OUT
DAC4-OUT
DAC5-OUTDAC6-OUT
DAC7-OUTDAC8-OUT
DAC9-OUTDAC10-OUT
DAC11-OUT
DAC-CLR-0
DAC-CLR-1
GPIO-5
GPIO-4
GPIO-7
GPIO-6
GPIO Controller
GPIO-3
GPIO-0
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
12-Bit Analog Monitoring and Control Solution
with Multichannel ADC, DACs, and Temperature Sensors
Check for Samples: AMC7812B
1
FEATURES
DESCRIPTION
The AMC7812B is a complete analog monitoring and
2345
• 12, 12-Bit DACs with Programmable Outputs:
control solution that includes a 16-channel, 12-bit,
–
0 V to 5 V
analog-to-digital
converter
(ADC),
twelve
12-bit
–
0 V to 12.5 V
digital-to-analog converters (DACs), eight general-
purpose inputs and outputs (GPIOs), two remote
•
DAC Shutdown to User-Defined Level
temperature
sensor
channels,
and
one
local
•
12-Bit, 500-kSPS ADC with 16 Inputs:
temperature sensor channel.
–
16 Single-Ended or
The device has an internal +2.5-V reference that can
Two Differential + 12 Single-Ended
configure the DAC output voltage to a range of either
•
Two Remote Temperature Sensors:
0 V to +5 V or 0 V to +12.5 V. An external reference
–
±2°C Accuracy, –40°C to +150°C
can be used as well. Typical power dissipation is
95 mW. The AMC7812B is ideal for multichannel
•
One Internal Temperature Sensor:
applications where board space, size, and low power
–
±2.5°C Accuracy, –40°C to +125°C
are critical.
•
Input Out-of-Range Alarms
The device is available in either a QFN-64 or HTQFP-
•
2.5-V Internal Reference
64 PowerPAD™ package and is fully specified from
•
Eight General-Purpose Inputs and Outputs
–40°C to +105°C and operational over the full –40°C
to +125°C temperature range.
•
Configurable I2C-Compatible and SPI™
Interface with 5-V and 3-V Logic
For applications that require a different channel
count, additional features, or converter resolutions,
•
Power-Down Mode
Texas Instruments offers a complete family of analog
•
Wide Operating Temperature Range:
monitor
and
control
(AMC)
products.
Refer
to
–40°C to +125°C
www.ti.com/amc for more information.
•
Small Packages: 9-mm × 9-mm QFN-64, and
10-mm × 10-mm HTQFP-64
APPLICATIONS
•
RF Power Amplifier Control in Base Stations
•
Test and Measurement
•
Industrial Control
•
General Analog Monitoring and Control
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Incorporated.
3
SPI, QSPI are trademarks of Motorola, Inc.
4
MICROWIRE is a trademark of National Semiconductor.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AMC7812B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7812B TI1-AMC7812B Datasheet
2Mb / 93P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812BSPAP TI1-AMC7812BSPAP Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812BSPAPR TI1-AMC7812BSPAPR Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812BSRGCR TI1-AMC7812BSRGCR Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
More results

Similar Description - AMC7812B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B_14 Datasheet
2Mb / 93P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7812B TI-AMC7812B_15 Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7836 TI-AMC7836_15 Datasheet
3Mb / 87P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7836 TI1-AMC7836 Datasheet
3Mb / 88P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AFE11612-SEP TI-AFE11612-SEP Datasheet
1Mb / 11P
AFE11612-SEP Radiation-Tolerant, Analog Monitor and Controller With Multichannel ADC, DACs, and Temperature Sensors
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com