Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTY81 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # KTY81
Description  KTY81 series Silicon temperature sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KTY81 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button KTY81 Datasheet HTML 7Page - NXP Semiconductors KTY81 Datasheet HTML 8Page - NXP Semiconductors KTY81 Datasheet HTML 9Page - NXP Semiconductors KTY81 Datasheet HTML 10Page - NXP Semiconductors KTY81 Datasheet HTML 11Page - NXP Semiconductors KTY81 Datasheet HTML 12Page - NXP Semiconductors KTY81 Datasheet HTML 13Page - NXP Semiconductors KTY81 Datasheet HTML 14Page - NXP Semiconductors KTY81 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
KTY81_SER_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 April 2008
12 of 15
NXP Semiconductors
KTY81 series
Silicon temperature sensors
8.
Packing information
Note: Types in bulk packaging have a lead-to-lead distance of 2.54 mm (see Figure 4).
The lead-to-lead distance of types packaged on reel have a lead-to-lead distance of
5.08 mm, spread leads (see Figure 5).
Fig 5.
Configuration of bandolier: spread leads
mbh795
(p)
P
A
L
H1
H0
F1
F2
D0
P0
P2
H2
A1
F
W2
W0
W1
W
t
t1
∆ h
∆ h
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com