Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DENG9P-P1 Datasheet(PDF) 44 Page - ITT Industries

Part # DENG9P-P1
Description  The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DENG9P-P1 Datasheet(HTML) 44 Page - ITT Industries

Back Button DENG9P-P1 Datasheet HTML 40Page - ITT Industries DENG9P-P1 Datasheet HTML 41Page - ITT Industries DENG9P-P1 Datasheet HTML 42Page - ITT Industries DENG9P-P1 Datasheet HTML 43Page - ITT Industries DENG9P-P1 Datasheet HTML 44Page - ITT Industries DENG9P-P1 Datasheet HTML 45Page - ITT Industries DENG9P-P1 Datasheet HTML 46Page - ITT Industries DENG9P-P1 Datasheet HTML 47Page - ITT Industries DENG9P-P1 Datasheet HTML 48Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 302 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
43
D Subminiature
Combo D
Combination D Subminiature connectors
offer the advantages of an industry
standard shield I/O interconnect, with the
flexibility of a customized special, designed for any
application.
This connector system is ideal for applications that
require optimization of space while improving
overall shielding. Combo Daccomplishes this by
combining multiple interconnect types into one
fully shielded product, decreasing the number I/O
interfaces and reducing the possibility of EMI/RFI
leakage.
By continually investing in engineering and
manufacturing technology, ITT Cannon has
improved the performance and features of this
popular product. This catalog contains our latest
efforts to meet the global requirements of the
commercial electronics industry with a flexible,
reliable and cost effective connector solution.
Applications
Video Coaxial Transmission (75
)
RF and Telecom Transmission (50
)
Power Interconnects (Up to 40 A)
Product Features
Standard and European Footprints
Pre-Installed 75
/50
Coaxial or High
Power contacts (One Part Number)
Vertical Standoffs or 90
° Brackets
90
° or Straight PCB
PC Boards up to 3,2 (.125) Thick
PCB Variants Available with Boardlocks and/or
Screw Locks (#4-40 or M3)
Materials and Finishes
Connector Assembly
Description
Material
Finish/Treatment
Shell
Steel
Tin
Insulator
Black Polyester, UL 94V-0
None
Pin Contact
Copper Alloy
Gold over Nickel
Socket Contact
Copper Alloy
Gold over Nickel in mating area, Tin on balance
Standoff
Stainless Steel
Passivated
Bracket
Steel
Tin
Rivnut
Steel
Tin
Boardlock
Copper Alloy
Tin
Coaxial/High Power/High Voltage Contact Assemblies
Contacts and outer shells
Copper Alloy
Gold over Nickel (Tin on coax ground PC tails)
Ring, Retaining
Copper Alloy
Nickel
Insulator (Coaxial only)
Teflon
None
Insulator (High Voltage only)
Thermoplastic
None
U.L. File Number: E8572
Specifications
Temperature Rating
−55°C to 125°C
Signal Contact Current Rating
7.5 A current capacity
Signal Contact Resistance
55 millivolt max. at 7.5 test current
Signal Contact
Dielectric Withstanding Voltage
1250 VAC at Sea Level
Coaxial Current Rating
5 A
Coaxial Dielectric Withstanding Voltage
1000 VAC at Sea Level
Coaxial Impedance
75
or 50
Coaxial VSWR
Less than 1.30
+ .03F for F up to 500 MHz
Coaxial Insertion Loss
.3dB loss at 500 MHz
High Power Current Rating
Up to 40 A
High Power
Dielectric Withstanding Voltage
1000 VAC at Sea Level
High Voltage Current Rating
5 A
High Voltage Contact
Dielectric Withstanding Voltage
2800 V at Sea Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com