Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11242 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 11242
Description  Integrated Processor with DMA User s Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

11242 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  11242 Datasheet HTML 1Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 2Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 3Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 4Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 5Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 6Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 7Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 8Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 441 page
background image
PREFACE
The complete documentation package for the MC68340 consists of the MC68340UM/AD,
MC68340 Integrated Processor with DMA User’s Manual, M68000PM/AD, MC68000
Family Programmer’s Reference Manual, and the MC68340P/D, MC68340 Integrated
Processor with DMA Product Brief.
The
MC68340 Integrated with DMA Processor User’s Manual describes the programming,
capabilities, registers, and operation of the MC68340; the
MC68000 Family Programmer’s
Reference Manual provides instruction details for the MC68340; and the MC68340
Integrated Processor with DMA Product Brief provides a brief description of the MC68340
capabilities.
This user’s manual is organized as follows:
Section 1
Device Overview
Section 8
Timer Modules
Section 2
Signal Descriptions
Section 9
IEEE 1149.1 Test Access
Section 3
Bus Operation
Port
Section 4
System Integration Module
Section 10
Applications
Section 5
CPU32
Section 11
Electrical Characteristics
Section 6
DMA Controller Module
Section 12
Ordering Information and
Section 7
Serial Module
Mechanical Data
68K FAX-IT
FAX 512-891-8593
The Motorola High-End Technical Publication Department provides a FAX number for you
to submit any questions and comments about this document. We welcome your
suggestions for improving our documentation or any questions concerning our products.
Please provide the part number and revision number (located in upper right-hand corner
on the cover), and the title of the document when submitting. When referring to items in
the manual please reference by the page number, paragraph number, figure number,
table number, and line number if needed. Reference the line number from the top of the
page.
When we receive a FAX between the hours of 7:30 AM and 5:00 PM EST, Monday
through Friday, we will respond within two hours. If the FAX is received after 5:00 PM or
on the weekend, we will respond within two hours on the first working day following receipt
of the FAX.
When sending a FAX, please provide your name, company, FAX number, and voice
number including area code (so we can talk to a real person if needed).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com