Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS8L30B-TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS8L30B-TR
Description  Low drop power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8L30B-TR Datasheet(HTML) 4 Page - STMicroelectronics

  STPS8L30B-TR Datasheet HTML 1Page - STMicroelectronics STPS8L30B-TR Datasheet HTML 2Page - STMicroelectronics STPS8L30B-TR Datasheet HTML 3Page - STMicroelectronics STPS8L30B-TR Datasheet HTML 4Page - STMicroelectronics STPS8L30B-TR Datasheet HTML 5Page - STMicroelectronics STPS8L30B-TR Datasheet HTML 6Page - STMicroelectronics STPS8L30B-TR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Packaging information
STPS8L30
4/7
2
Packaging information
Figure 9.
Forward voltage drop versus
forward current
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under tab (epoxy printed board
FR4, Cu = 35 µm) (DPAK)
I
(A)
FM
V
(V)
FM
T =25°C
(maximum values)
j
T =125°C
(maximum values)
j
T =150°C
(typical values)
j
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
100.0
02
46
8
10
12
14
16
18
20
0
20
40
60
80
100
R
(°C/W)
th(j-a)
S(mm²)
Table 4.
DPAK dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max
Min.
Max.
A
2.20
2.40
0.086
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.212
C
0.45
0.60
0.017
0.023
C2
0.48
0.60
0.018
0.023
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.251
0.259
G
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.397
L2
0.80 typ.
0.031 typ.
L4
0.60
1.00
0.023
0.039
V2
0°
8°
0°
8°
H
L4
G
B
L2
E
B2
D
A1
R
R
C
A
C2
0.60 MIN.
V2
A2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com