Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC51215 Datasheet(PDF) 7 Page - ITT Industries

Part # DC51215
Description  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DC51215 Datasheet(HTML) 7 Page - ITT Industries

Back Button DC51215 Datasheet HTML 3Page - ITT Industries DC51215 Datasheet HTML 4Page - ITT Industries DC51215 Datasheet HTML 5Page - ITT Industries DC51215 Datasheet HTML 6Page - ITT Industries DC51215 Datasheet HTML 7Page - ITT Industries DC51215 Datasheet HTML 8Page - ITT Industries DC51215 Datasheet HTML 9Page - ITT Industries DC51215 Datasheet HTML 10Page - ITT Industries DC51215 Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
D Cannon D-Subminiature Accessories
5
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
Metal Backshell Straight Exit
The new Cannon Metal Backshells D*FM series for D-Subminiature Connectors offers protection from
magnetic and radio interferences to cable assemblies.
This backshell series is characterized by simple assembly and fit for ndustrial and telecom applications.
PPrroodduucctt FFeeaattuurreess::
• No crimp ferrule tooling needed
• Material: Zinc, blue chromated
• Unique metal filled plastic cable strain relief
guarantees 360° shielding
• RoHS compliant
• -40 - +120°C temperature range
• Corrosion resistant
SSiizzee 1155
AAtttteennuuaattiioonn ccuurrvvee
DEFME-101
DEFMX-101
Size 9
39,55mm [1.555inch]
31,3mm [1.232inch]
14,6mm [0.575inch]
25,0mm [0.984inch]
4 - 9mm
DAFME-101
DAFMX-101
Size 15
41,7mm [1.642inch]
39,3mm [1.547inch]
14,6mm [0.575inch]
33,3mm [1.311inch]
4 - 9mm
DBFME-101
DBFMX-101
Size 25
49,0mm [1.929inch]
53,5mm [2.106inch]
14,6mm [0.575inch]
47,0mm [1.850inch]
4 - 9mm
DCFME-101
DCFMX-101
Size 37
53,3mm [1.098inch]
69,7mm [2.744inch]
14,6mm [0.575inch]
63,5mm [2.500inch]
4 - 9mm
Part Description
Part Description
With #4-40 UNC
With M3
Shell
AB
C
D
Cable
Jackscew
Jackscrew
Size
Diameter
Kit consists of 1 front shell, 1 rear shell, 4 strain reliefs, 2 mounting crosshead screws, and 2 jack screws.
AAsssseem
mbbllyy iinnssttrruuccttiioonnss SSiizzee 99,, 1155,, 2255,, 3377
Use two halves of strain relief
(different sizes can be mixed)
Strip cable 18mm and shape
cable to two pigtails
Attach the strain relief around
the cable
Bend cable shielding back on
outside of strain relief
Mount connector and cable into
the backshell
Assemble the other half
(screwing force: 100-120 Ncm)
Metal Backshell
D sub:Layout 1
3/26/09
7:52 AM
Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com