Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12VREGV1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # S12VREGV1
Description  Automotive applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12VREGV1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  S12VREGV1 Datasheet HTML 1Page - Freescale Semiconductor, Inc S12VREGV1 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cost-Effective Development Tools
For more information on development tools, please refer to
the Freescale Development Tool Selector Guide (SG1011).
M68KIT912DP256
Evaluation kit for development and
$495*
evaluation of HCS12 application
code that includes the
M68EVB912DP256 and
USBMULTILINKBDM
M68CYCLONEPRO
HC08/HCS08/HC12/HCS12
$499*
stand-alone Flash programmer or
in-circuit emulator, debugger, Flash
programmer; USB, serial or Ethernet
interface options
USBMULTILINKBDM Universal HCS08/HCS12 in-circuit
$99*
emulator, debugger, and Flash
programmer; USB PC interface
CWX-H12-SE
CodeWarrior™ Special Edition for
Free*
HCS12 MCUs; includes integrated
development environment (IDE),
linker, debugger, unlimited
assembler, Processor Expert™
auto-code generator, full-chip
simulation and limited C compiler
*Price indicated is MSRP.
Freescale™ and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names
are the property of their respective owners. This product incorporates SuperFlash® technology licensed from SST.
© Freescale Semiconductor, Inc. 2005
Document Number: MC9S12DG256FS
REV 2
Learn More: For more information about Freescale products, please visit www.freescale.com.
Features
Benefits
10-bit Analog-to-Digital Converter (ADC)
Clock Generation Module with Phase-Lock Loop (PLL)
> Clock monitor with self clock mode in case of
no external clock
> Programmable clock frequency with 1024
options ranging from divide by 16 to multiply
by 64 from base oscillator
> Real-time interrupt
> Watchdog
> Reliable, robust operation
> Provides high performance using low-cost
reference crystals
> Reduces generated noise
> Reduces power consumption
> Easily able to implement real-time clock
Enhanced Capture Timer
> 8-channel, 16-bit with input capture, output
compare and pulse accumulator
> 16-bit modulus down counter
> Flexible, programmable timer system
8-bit or 16-bit Pulse-Wide Modulation (PWM)
> 8-channel, 8-bit or 4-channel, 16-bit PWM
> PWM supports center aligned operation
> Efficiently implement motor control, battery
charging or digital-to-analog functions
Two Serial Communications Interfaces
> 8192 prescaler option
> Asynchronous communication between the
MCU and a terminal, computer or a network
of MCUs
> Exact baud rate matching
Three Serial Peripheral Interfaces
> Up to 6.25 Mbps
> High-speed synchronous communication
between multiple MCUs or between MCU and
serial peripherals
Data Sheets
9S12DP256BDGV1 MC9S12DP256 Device Guide
S12DP256PIMV2
MC9S12DP256 Port Integration
Module Block Guide
S12BDMV4
HCS12 Background Debug (BDM)
Block Guide
S12BKVD1
HCS12 Breakpoint (BKP) Block Guide
S12CPUV2
HCS12 CPU Reference Manual
S12MSCANV2
HCS12 Motorola Scalable Controller
Area Network Block Guide
S12ATD10B8CV2
HCS12 10-bit 8-channel Analog to
Digital Block Guide
S12CRGV3
HCS12 Clock Reset Generator
Block Guide
S12ECT16B8CV1
HCS12 16-bit 8-channel Enhanced
Capture Timer Block Guide
S12EETS4KV2
HCS12 4K EEPROM Block Guide
S12FTS256KV2
HCS12 256K Flash Block Guide
S12IICV2
HCS12 I
2C Block Guide
S12INTV1
HCS12 Interrupt (INT) Block Guide
S12MEBIV3
HCS12 Multiplexed External Bus
Interface (MEBI) Block Guide
S12MMCV4
HCS12 Module Mapping Control
(MMC) Block Guide
S12PWM8B8CV1
HCS12 8-bit 8-channel Pulse-Width
Modulator Block Guide
S12SCIV2
HCS12 Serial Communications
Interface Block Guide
S12SPIV2
HCS12 Serial Peripheral Interface
Block Guide
S12VREGV1
HCS12 Voltage Regulator
Block Guide
Package Options
Part Number
Package
Temp. Range
MC9S12DG256BCFU 80 QFP
-40°C to +85°C
MC9S12DG256BVFU 80 QFP
-40°C to +105°C
MC9S12DG256BMFU 80 QFP
-40°C to +125°C
MC9S12DG256BCPV 112 LQFP -40°C to +85°C
MC9S12DG256BVPV 112 LQFP -40°C to +105°C
MC9S12DG256BMPV 112 LQFP -40°C to +125°C
80-Lead QFP
112-Lead LQFP
Application Notes and Engineering Bulletins
AN2206
Security and Protection on the HCS12 Family
AN2213
Using Cosmic Software’s M68HC12 Compiler for MC9S12DP256
AN2216
MC9S12DP256 Software Development Using Metrowerks CodeWarrior™
AN2250
Audio Reproduction on HCS12 Microcontrollers
EB386
HCS12 D-Family Compatibility
Inter IC (I2C) Bus
> 256 clock rate options
> Provides a simple, efficient method of data
exchange between devices
> Minimizes the need for large numbers of
connections between devices and eliminates
the need for an address decoder
> Two 8-channel ADC
> 7 µs, 10-bit single conversion time, scan mode
available
> Fast, easy conversion from analog inputs like
position sensors, analog meters and
photovoltaic cells to digital values for
CPU processing
> Can effectively have 3.5 µs conversion time
by sampling same signal with both ADCs
Up to 91 Input/Output (I/O) Lines
> Programmable pull-ups/pull-downs
> Dual drive capability
> Reduce system cost
> Able to tailor application for minimum EMC or
high current loads



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com