Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP9NK65Z Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP9NK65Z
Description  N-channel 650 V - 1 - 6.4 A TO-220 / TO-220FP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9NK65Z Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP9NK65Z Datasheet HTML 6Page - STMicroelectronics STP9NK65Z Datasheet HTML 7Page - STMicroelectronics STP9NK65Z Datasheet HTML 8Page - STMicroelectronics STP9NK65Z Datasheet HTML 9Page - STMicroelectronics STP9NK65Z Datasheet HTML 10Page - STMicroelectronics STP9NK65Z Datasheet HTML 11Page - STMicroelectronics STP9NK65Z Datasheet HTML 12Page - STMicroelectronics STP9NK65Z Datasheet HTML 13Page - STMicroelectronics STP9NK65Z Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package mechanical data
STP9NK65Z - STP9NK65ZFP
10/15
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com