Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1816 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM1816
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1816 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM1816 Datasheet HTML 6Page - STMicroelectronics STM1816 Datasheet HTML 7Page - STMicroelectronics STM1816 Datasheet HTML 8Page - STMicroelectronics STM1816 Datasheet HTML 9Page - STMicroelectronics STM1816 Datasheet HTML 10Page - STMicroelectronics STM1816 Datasheet HTML 11Page - STMicroelectronics STM1816 Datasheet HTML 12Page - STMicroelectronics STM1816 Datasheet HTML 13Page - STMicroelectronics STM1816 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Operation
STM1810/1811/1812/1813/1815/1816/1817/1818
10/25
Doc ID11464 Rev 8
2.5
Valid RST output down to VCC = 0 V
When VCC falls below 1 V, the RST output no longer sinks current, but becomes an open
circuit. In most systems this is not a problem, as most MCUs do not operate below 1 V.
However, in applications where RST output must be valid down to 0 V, a pull-down resistor
may be added to hold the RST output low (see Figure 11). This resistor must be large
enough to not load the RST output, and still be small enough to pull the output to ground.
A 100 k
Ω resistor is recommended.
Note:
The same situation applies for the active-high RST of the STM1810/1812. A 100 k
Ω pull-up
resistor to VCC should be used if RST must remain valid for VCC < 1.0 V.
Figure 7.
Reset timing diagram
1.
RST for STM1812 and STM1817.
Figure 8.
Push-button manual reset with MR detect (STM1813/1818)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com