Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1816RWX7F Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM1816RWX7F
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1816RWX7F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM1816RWX7F Datasheet HTML 17Page - STMicroelectronics STM1816RWX7F Datasheet HTML 18Page - STMicroelectronics STM1816RWX7F Datasheet HTML 19Page - STMicroelectronics STM1816RWX7F Datasheet HTML 20Page - STMicroelectronics STM1816RWX7F Datasheet HTML 21Page - STMicroelectronics STM1816RWX7F Datasheet HTML 22Page - STMicroelectronics STM1816RWX7F Datasheet HTML 23Page - STMicroelectronics STM1816RWX7F Datasheet HTML 24Page - STMicroelectronics STM1816RWX7F Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Part numbering
STM1810/1811/1812/1813/1815/1816/1817/1818
22/25
Doc ID11464 Rev 8
7
Part numbering
Table 11.
Ordering information scheme
Note:
Contact the local ST sales office for availability.
For other options, or for more information on any aspect of this device, please contact the
ST Sales Office nearest you.
Example
STM1810
L
WX
7
F
Device type
STM181x
Reset threshold voltage
STM1810 - 1813
L = VRST = 4.50 V to 4.75 V (4.62 V typ.)
M = VRST = 4.25 V to 4.49 V (4.37 V typ.)
STM1815 - 1818
T = VRST = 2.98 V to 3.15 V (3.06 V typ.)
S = VRST = 2.80 V to 2.97 V (2.88 V typ.)
R = VRST = 2.47 V to 2.64 V (2.55 V typ.)
Package
WX = SOT23-3
Temperature range
7 = –40 to 105 °C
Shipping method
F = ECOPACK package, tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com