Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER74100RDL Datasheet(PDF) 2 Page - Tyco Electronics

Part # ER74100RDL
Description  Type ER/ERV Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ER74100RDL Datasheet(HTML) 2 Page - Tyco Electronics

  ER74100RDL Datasheet HTML 1Page - Tyco Electronics ER74100RDL Datasheet HTML 2Page - Tyco Electronics ER74100RDL Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Style 74
Style 58
Style 16
Dimensions
• Resistance measured 6mm either side of body.
• Supplied in standard packs in arrays of 5 resistors
with snap links for handling.
Power Ratings (continued)
Type
LD
l
d
ER74
13.5
6.0
38.0
0.8
ER58
22.2
8.0
38.0
0.8
ER16
38.1
8.0
38.0
0.8
ER17
53.5
8.0
38.0
0.8
Type
AB
C
ERV74
19.0
5.6
9.7
ERV58
29.0
8.0
10.6
ERV16
43.0
8.0
10.6
1
2
3
(W)
(K)
100
50
0
VH
1
2
3
4
5
6
7
(W)
(K)
100
50
0
VH
1
2
3
7
9
11
(W)
(K)
100
50
0
VH
Literature No. 1773212
Issued: 11-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
High Power Resistors
Type ER/ERV Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com