Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL90F7S-C Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # QL90F7S-C
Description  LASER DIODE SPECIFICATIONS FOR APPROVAL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

QL90F7S-C Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  QL90F7S-C Datasheet HTML 1Page - Roithner LaserTechnik GmbH QL90F7S-C Datasheet HTML 2Page - Roithner LaserTechnik GmbH QL90F7S-C Datasheet HTML 3Page - Roithner LaserTechnik GmbH QL90F7S-C Datasheet HTML 4Page - Roithner LaserTechnik GmbH QL90F7S-C Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
♦ABSOLUTE MAXIMUM RATING at Tc=25°C
Items
Symbols
Values
Unit
Optical Output Power
P
12
mW
Laser Diode Reverse
Voltage
V
2
V
Photo Diode Reverse
Voltage
V
30
V
Operating Temperature
Topr
−10 ~ +70
°C
Storage Temperature
Tstg
−40 ~ +85
°C
♦ELECTRICAL and OPTICAL CHARACTERISTICS at Tc=25°C
Items
Symbols
Min.
Typ. Max.
Unit
Condition
Optical Output Power
Po
-
10
-
mW
-
Threshold Current
Ith
-
15
25
mA
-
Operating Current
Iop
-
40
60
mA
Po=10mW
Operating Voltage
Vop
1.6
2.0
2.5
V
Po=10mW
Slope Efficiency
SE
0.3
0.5
0.7
mW/mA
Lasing Wavelength
λp
895
905
915
nm
Po=10mW
θ 
9
13
15
deg
Po=10mW
Beam Divergence
θ ⊥
26
33
36
deg
Po=10mW
∆θ 
-
-
±2.5
deg
Po=10mW
Beam Angle
∆θ ⊥
-
-
±3.0
deg
Po=10mW
Monitor Current
Im
0.1
0.4
0.6
mA
Po=10mW
Optical Distance
∆X, ∆Y, ∆Z
-
-
60
µm
Po=10mW
The above product specifications are subject to change without notice.
NOTICE : QL90F7S-A/B/C to be operated on APC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com