Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6428CS2 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ML6428CS2
Description  S-Video Filter and 75 ??Line Drivers with Summed Composite Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML6428CS2 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ML6428CS2 Datasheet HTML 1Page - Fairchild Semiconductor ML6428CS2 Datasheet HTML 2Page - Fairchild Semiconductor ML6428CS2 Datasheet HTML 3Page - Fairchild Semiconductor ML6428CS2 Datasheet HTML 4Page - Fairchild Semiconductor ML6428CS2 Datasheet HTML 5Page - Fairchild Semiconductor ML6428CS2 Datasheet HTML 6Page - Fairchild Semiconductor ML6428CS2 Datasheet HTML 7Page - Fairchild Semiconductor ML6428CS2 Datasheet HTML 8Page - Fairchild Semiconductor ML6428CS2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ML6428
DATA SHEET
2
REV. 1B April 2003
Pin Configuration
Pin Description
Electrical Characteristics
Absolute Maximum Ratings
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum
ratings are stress ratings only and functional device operation is not implied.
Operating Conditions
Pin
Name
Function
1
YIN
Luminance input
2
VCC
5V supply for filters and references
3
GND
Ground
4
CIN
Chrominance input
5
COUT
Chrominance output
6CVOUT
Composite video output
7
VCCO
5V supply for output stages
8YOUT
Luminance output
Parameter
Min.
Max.
Units
DC Supply Voltage
-0.3
7
V
Analog & Digital I/O
GND – 0.3
VCC + 0.3
V
Output Current (Continuous)
CV Channel
C and Y Channels
60
30
mA
mA
Junction Temperature
150
°C
Storage Temperature Range
–65
150
°C
Lead Temperature (Soldering, 10 sec)
260
°C
Thermal Resistance (θJA)67
°C/W
Parameter
Min.
Max.
Units
Temperature Range
0
70
°C
VCC Range
4.5
5.5
V
ML6428
8-Pin SOIC (S08)
1
2
3
4
8
7
6
5
YIN
VCC
GND
CIN
YOUT
VCCO
CVOUT
COUT
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com